Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2230 Datasheet(PDF) 82 Page - Holtek Semiconductor Inc

Part # HT85F2230
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2230 Datasheet(HTML) 82 Page - Holtek Semiconductor Inc

Back Button HT85F2230 Datasheet HTML 78Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 79Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 80Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 81Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 82Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 83Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 84Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 85Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 86Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 147 page
background image
Rev. 1.10
8� of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
IRCON Register
SFR Address: C0h
Bit
7
6
5
4
3
2
1
0
Name
EXF�
TF�
—
—
CCU1F
CCU0F
—
—
R/W
R/W
R/W
—
—
R/W
R/W
—
—
POR
0
0
—
—
0
0
—
—
Bit 7
EXF2: Timer 2 external reload interrupt request flag
0: No request
1: Interrupt request
The EXF2 bit will be set high by a negative transition on the T2EX pin. This bit must
be cleared using the application program. The EXF2 bit will be invalid in the Timer 2
Timer/Counter mode.
Bit 6
TF2: Timer 2 overflow interrupt request flag
0: No request
1: Interrupt request
This bit must be cleared using the application program.
Bit 5~4
Unimplemented, read as “0”
Bit 3
CCU1F: CCU1 interrupt request flag
0: No request
1: Interrupt request
This bit will be set high when Timer 2 compare mode is enabled and counter value (TH2,
TL2) is equal to Compare/Capture register 1 (CCH1, CCL1). Additionally, this bit can
be set high when Timer 2 Capture mode 0 is enabled and a rising edge is detected on
CC1 input pin. Once the program into the interrupt subroutine, the CCU1F flag will be
cleared by hardware automatically.
Bit 2
CCU0F: CCU0 interrupt request flag
0: No request
1: Interrupt request
This bit will be set high when Timer 2 compare mode is enabled and counter value (TH2,
TL2) is equal to Compare/Reload/Capture register 3 (CRCH, CRCL). Additionally, this
bit can be set high when Timer 2 Capture mode 0 is enabled and a rising or falling edge
(depending on the I3FR bit) is detected on CC0 input pin. Once the program into the
interrupt subroutine, the CCU0F flag will be cleared by hardware automatically.
Bit 1~0
Unimplemented, read as “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com