Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2230 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT85F2230
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2230 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT85F2230 Datasheet HTML 17Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 18Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 19Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 20Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 21Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 22Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 23Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 24Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 147 page
background image
Rev. 1.10
�1 of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
9 A.C. Characteristics
Ta=��°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS1
S�stem C�ock
(Cr�sta� OSC)
�.�V~�.�V
—
0.4
—
8
MHz
�.7V~�.�V
0.4
—
1�
�.�V~�.�V
0.4
—
16
4.�V~�.�V
0.4
—
�4
fSYS�
S�stem C�ock
(High Freq�ecn� Interna� RC
Osci��ator)
�.7V~�.�V Ta=��°C
HFSCR[1:0]=00b
-�%
1�
+�%
MHz
�.�V~�.�V Ta=��°C
HFSCR[1:0]=10b
16
4.�V~�.�V Ta=��°C
HFSCR[1:0]=11b
�0
fLIRC
��kHz Interna� RC Osci��ator
�V
Ta=��°C
-10%
��
+10%
kHz
�.�V~�.�V Ta= -40°C~8�°C
-�0%
��
+60%
fHIRC
1�/16/�0MHz Interna� RC
Osci��ator
�.�V~�.�V Ta=��°C
HFSCR[1:0]=00b
-�%
1�
+�%
MHz
fTIMER
Timer Inp�t Freq�enc�
(T0~T�)
�.�V~�.�V fSYS=8MHz
0
—
�
MHz
�.�V~�.�V fSYS=16MHz
0
—
4
4.�V~�.�V fSYS=�4MHz
0
—
6
tRES
Externa� Reset Minim�m Low
P��se width
—
—
1
�.�
�
μs
tSST
S�stem Start-�p Timer Period
(Power-�p or Wake-�p from
Power-Down Mode when the
Main Osci��ator is off or S�stem
C�ock is Switching between HXT
and HIRC)
—
fSYS =HXT or HIRC
—
10�4
—
tSYS
tRSTD
S�stem Reset De�a� Time
(LVR Reset)
—
—
16
��
64
ms
tSRESET
Software Reset Width to Reset
—
—
4�
90
1�0
μs
tHTO
HIRC T�rn On Period
�.�V~�.�V HIRC OFF → ON
—
�00
—
μs
tINT
Externa� Interr�pt Minim�m P��se
Width
—
MCU is in norma� mode or
Id�e mode
—
4
—
tSYS
tLVR
Low Vo�tage Width to Reset
—
—
1�0
�40
480
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com