Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2230 Datasheet(PDF) 72 Page - Holtek Semiconductor Inc

Part # HT85F2230
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2230 Datasheet(HTML) 72 Page - Holtek Semiconductor Inc

Back Button HT85F2230 Datasheet HTML 68Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 69Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 70Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 71Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 72Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 73Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 74Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 75Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 76Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 147 page
background image
Rev. 1.10
7� of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
Watchdog Reset
All devices contain a Watchdog Timer which is used as a protection feature. The Watchdog
Timer has to be periodically cleared by the application program and prevented from overflowing
during normal MCU operation. However should the program enter an endless loop or should
external environmental conditions such as noise causes the device to jump to unpredicted program
locations, the Watchdog Timer will overflow and generate an MCU reset. Refer to the Watchdog
Timer section for more details regarding the Watchdog Timer operation.
When a Watchdog Reset occurs the WDTS bit in the IP0 register will be set to indicate the reset
source. Note that this bit must be reset by the application program.
IP0 Register
SFR Address: B8h
Bit
7
6
5
4
3
2
1
0
Name
—
WDTS
PT�
—
PT1
PX1
PT0
PX0
R/W
—
R/W
R/W
—
R/W
R/W
R/W
R/W
POR
—
0
0
—
0
0
0
0
Bit 7
Unimplemented, read as “0”
Bit 6
WDTS: Watchdog timer reset indication flag
0: No Watchdog timer reset
1: Watchdog timer reset
This bit must be cleared by the application program as it will not be automatically
cleared by hardware.
Bit 5
PT2: Timer 2 Interrupt priority
Described elsewhere
Bit 4
Unimplemented, read as “0”
Bit 3
PT1: Timer 1 Interrupt priority
Described elsewhere
Bit 2
PX1: External interrupt 1 priority
Described elsewhere
Bit 1
PT0: Timer 0 Interrupt priority
Described elsewhere
Bit 0
PX0: External interrupt 0 priority
Described elsewhere
Software Resets
There are three ways to generate Software Reset, each of which are generated by writing certain
values to the SRST register, the WDTCR register or the LVRCR register.
Software Reset Summary
Software Reset Name
Operation Objects
Operation
Register
Bit
SRST Register setting
SRST
SRSTREQ
Write two s�ccessive “1” va��es to this bit
WDTCR Register setting
WDTCR
WE4~WE0
Write va��e other than “10101” or “01010”
LVRCR Register setting
LVRCR
LVS7~LVS0
Write va��e other than “01010101”� “00110011”�
“011001” or “10101010”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com