Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2230 Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT85F2230
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2230 Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT85F2230 Datasheet HTML 48Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 49Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 50Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 51Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 52Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 53Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 54Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 55Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 147 page
background image
Rev. 1.10
�� of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
OS C1
OS C2
Rf
To i nt er na l
ci rc ui ts
In te rn al
O sc illa to r
Ci rc ui t
C1
C2
Crystal/Resonator Oscillator – HXT
Crystal Recommended Capacitor Values
Crystal Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
�4MHz
10pF
10pF
�0MHz
10pF
10pF
1�MHz
10pF
10pF
8 MHz
10pF
10pF
4 MHz
�0pF
�0pF
400KHz
�00pF
�00pF
Note: C1 and C� va��es are for g�idance on��.
Internal High Speed RC Oscillator – HIRC
The internal high speed RC oscillator is a fully integrated system oscillator requiring no external
components. The internal RC oscillator has three frequencies of either 12MHz, 16MHz or 20MHz.
Device trimming during the manufacturing process and the inclusion of internal frequency
compensation circuits are used to ensure that the influence of the power supply voltage, temperature
and process variations on the oscillation frequency are minimised. If the HIRC oscillator is used as
the system oscillator, then the OSC1 and OSC2 pins should be left unconnected.
Internal Low Speed RC Oscillator – LIRC
The internal low speed oscillator, LIRC, is a fully self-contained free running on-chip RC
oscillator, used as a clock source for the Watchdog Timer and the Time Base functions. When
the microcontroller enters the IDLE Mode, the CPU clock is switched off to stop microcontroller
activity and to conserve power, however the LIRC oscillator will continue to run and can maintain
WDT and Time Base operation if it is selected as their clock source. The LIRC oscillator has a
typical frequency of 32kHz and requires no external components, however its actual frequency
may vary with temperature and supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com