Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC755 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # PC755
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button PC755 Datasheet HTML 7Page - ATMEL Corporation PC755 Datasheet HTML 8Page - ATMEL Corporation PC755 Datasheet HTML 9Page - ATMEL Corporation PC755 Datasheet HTML 10Page - ATMEL Corporation PC755 Datasheet HTML 11Page - ATMEL Corporation PC755 Datasheet HTML 12Page - ATMEL Corporation PC755 Datasheet HTML 13Page - ATMEL Corporation PC755 Datasheet HTML 14Page - ATMEL Corporation PC755 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
11
PC755/745
2138D–HIREL–06/03
L2AVDD
L13
–
–
2V
2V
L2CE
P17
Low
Output
–
–
L2CLKOUTA
N15
–
Output
–
–
L2CLKOUTB
L16
–
Output
–
–
L2DATA[0
-63]
U14, R13, W14, W15, V15, U15, W16, V16, W17, V17, U17, W18,
V18, U18, V19, U19, T18, T17, R19, R18, R17, R15, P19, P18,
P13, N14, N13, N19, N17, M17, M13, M18, H13, G19, G16, G15,
G14, G13, F19, F18, F13, E19, E18, E17, E15, D19, D18, D17,
C18, C17, B19, B18, B17, A18, A17, A16, B16, C16, A14, A15,
C15, B14, C14, E13
High
I/O
–
–
L2DP[0
-7]
V14, U16, T19, N18, H14, F17, C19, B15
High
I/O
–
–
L2OVDD
D15, E14, E16, H16, J15, L15, M16, P15, R14, R16, T15, F15
–
–
1.8V/2V
3.3V
L2SYNC_IN
L14
–
Input
–
–
L2SYNC_OUT
M14
–
Output
–
–
L2_TSTCLK(2)
F7
High
Input
–
–
L2VSEL(1)(3)(5)(6)
A19
High
Input
GND
3.3V
L2WE
N16
Low
Output
–
–
L2ZZ
G17
High
Output
–
–
LSSD_MODE(2)
F9
Low
Input
–
–
MCP
B11
Low
Input
–
–
NC (No
-Connect)
B3, B4, B5, W19, K9, K114, K194
–
–
–
–
OVDD
D5, D8, D12, E4, E6, E9, E11, F5, H4, J5, L5, M4, P5, R4, R6, R9,
R11, T5, T8, T12
–
–
1.8V/2V
3.3V
PLL_CFG[0
-3]
A4, A5, A6, A7
High
Input
–
–
QACK
B2
Low
Input
–
–
QREQ
J3
Low
Output
–
–
RSRV
D3
Low
Output
–
–
SMI
A12
Low
Input
–
–
SRESET
E10
Low
Input
–
–
SYSCLK
H9
–
Input
–
–
TA
F1
Low
Input
–
–
TBEN
A2
High
Input
–
–
TBST
A11
Low
I/O
–
–
TCK
B10
High
Input
–
–
TDI(6)
B7
High
Input
–
–
TDO
D9
High
Output
–
–
Table 2. Pinout Listing for the PC755, 360 PBGA, CBGA and CI-CGA Packages + HiTCE
(8) (Continued)
Signal Name
Pin Number
Active
I/O
I/F Voltages
Supported(1)
1.8V/2.0V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com