Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC755 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # PC755
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button PC755 Datasheet HTML 26Page - ATMEL Corporation PC755 Datasheet HTML 27Page - ATMEL Corporation PC755 Datasheet HTML 28Page - ATMEL Corporation PC755 Datasheet HTML 29Page - ATMEL Corporation PC755 Datasheet HTML 30Page - ATMEL Corporation PC755 Datasheet HTML 31Page - ATMEL Corporation PC755 Datasheet HTML 32Page - ATMEL Corporation PC755 Datasheet HTML 33Page - ATMEL Corporation PC755 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
30
PC755/745
2138D–HIREL–06/03
The L2CLK_OUT timing diagram is shown in Figure 14.
Figure 14. L2CLK_OUT Output Timing Diagram
L2 Bus Input AC Specifications
Table 16 provides the L2 bus interface AC timing specifications for the PC755 as
defined in Figure 15 and Figure 16 for the loading conditions described in Figure 17.
VM = Midpoint Voltage (L2OVdd/2)
L2CLK_OUTA
L2CLK_OUTB
L2 Differential Clock Mode
L2 Single-Ended Clock Mode
L2SYNC_OUT
L2CLK_OUTA
VM
tL2CR
tL2CF
VM
VM
VM
L2CLK_OUTB
VM
VM
VM
VM
VM
L2SYNC_OUT
VM
VM
VM
VM
VM
VM
VM
VM
tL2CSKW
tL2CLK
tL2CLK
tCHCL
tCHCL
Table 16. L2 Bus Interface AC Timing Specifications at Recommended Operating Conditions
Parameter
Symbol
All Speed Grades
Unit
Min
Max
L2SYNC_IN rise and Fall Time(1)
t
L2CR & tL2CF
–
1.0
ns
Setup Times: Data and Parity(2)
t
DVL2CH
1.2
-
ns
Input Hold Times: Data and Parity(2)
t
DXL2CH
0
-
ns
Valid Times: (3)(4)
All Outputs when L2CR[14-15] = 00
All Outputs when L2CR[14-15] = 01
All Outputs when L2CR[14-15] = 10
All Outputs when L2CR[14-15] = 11
t
L2CHOV
-
-
-
-
3.1
3.2
3.3
3.7
ns
Output Hold Times: (3)
All Outputs when L2CR[14-15] = 00
All Outputs when L2CR[14-15] = 01
All Outputs when L2CR[14-15] = 10
All Outputs when L2CR[14-15] = 11
t
L2CHOX
0.5
0.7
0.9
1.1
-
-
-
-
ns
L2SYNC_IN to High Impedance:(3)(5)
All Outputs when L2CR[14-15] = 00
All Outputs when L2CR[14-15] = 01
All Outputs when L2CR[14-15] = 10
All Outputs when L2CR[14-15] = 11
t
L2CHOZ
-
-
-
-
2.4
2.6
2.8
3.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com