Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC755 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # PC755
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button PC755 Datasheet HTML 23Page - ATMEL Corporation PC755 Datasheet HTML 24Page - ATMEL Corporation PC755 Datasheet HTML 25Page - ATMEL Corporation PC755 Datasheet HTML 26Page - ATMEL Corporation PC755 Datasheet HTML 27Page - ATMEL Corporation PC755 Datasheet HTML 28Page - ATMEL Corporation PC755 Datasheet HTML 29Page - ATMEL Corporation PC755 Datasheet HTML 30Page - ATMEL Corporation PC755 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
27
PC755/745
2138D–HIREL–06/03
Figure 12 provides the AC test load for the PC755.
Figure 12. AC Test Load
Notes:
1. Revisions prior to Rev 2.8 (Rev E) were limited in performance and did not conform to this specification. Contact your local
Motorola sales office for more information.
2. Guaranteed by design and characterization.
3. t
SYSCLK is the period of the external clock (SYSCLK) in nanoseconds (ns). The numbers given in the table must be multiplied
by the period of SYSCLK to compute the actual time duration (in ns) of the parameter in question.
4. Per the 60x bus protocol, TS, ABB and DBB are driven only by the currently active bus master. They are asserted low then
precharged high before returning to high-Z as shown in Figure 6. The nominal precharge width for TS, ABB or DBB is 0.5 x
t
SYSCLK, i.e. less than the minimum tSYSCLK period, to ensure that another master asserting TS, ABB, or DBB on the following
clock will not contend with the precharge. Output valid and output hold timing is tested for the signal asserted. Output valid
time is tested for precharge.The high-Z behavior is guaranteed by design.
5. Per the 60x bus protocol, ARTRY can be driven by multiple bus masters through the clock period immediately following
AACK. Bus contention is not an issue since any master asserting ARTRY will be driving it low. Any master asserting it low in
the first clock following AACK will then go to high-Z for one clock before precharging it high during the second cycle after the
assertion of AACK. The nominal precharge width for ARTRY is 1.0 t
SYSCLK; i.e., it should be high-Z as shown in Figure 6
before the first opportunity for another master to assert ARTRY. Output valid and output hold timing is tested for the signal
asserted. Output valid time is tested for precharge. The high-Z and precharge behavior is guaranteed by design.
OVDD/2
OUTPUT
Z0 = 50Ω
RL = 50Ω
Table 14. Processor Bus AC Timing Specifications
(1) at Recommended Operating Conditions
Parameter
Symbols
All Speed Grades
Unit
Min
Max
Setup Times: All Inputs
t
IVKH
2.5
–
ns
Input Hold Times:
TLBISYNC, MCP, SMI
tIXKH
0.6
–
ns
Input Hold Times: All Inputs, except
TLBISYNC, MCP, SMI
tIXKH
0.2
–
ns
Valid Times: All Outputs
t
KHOV
–
4.1
ns
Output Hold Times: All Outputs
tKHOX
1
–
ns
SYSCLK to Output Enable(2)
tKHOE
0.5
–
ns
SYSCLK to Output High Impedance (all except
ABB, ARTRY, DBB)(2)
t
KHOZ
–
6
ns
SYSCLK to
ABB, DBB High Impedance After Precharge(2)(3)(4)
tKHABPZ
–
1
tSYSCLK
Maximum Delay to
ARTRY Precharge(2)(3)(5)
tKHARP
–
1
tSYSCLK
SYSCLK to
ARTRY High Impedance After Precharge(2)(3)(5)
t
KHARPZ
–
2
t
SYSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com