Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC755 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # PC755
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button PC755 Datasheet HTML 16Page - ATMEL Corporation PC755 Datasheet HTML 17Page - ATMEL Corporation PC755 Datasheet HTML 18Page - ATMEL Corporation PC755 Datasheet HTML 19Page - ATMEL Corporation PC755 Datasheet HTML 20Page - ATMEL Corporation PC755 Datasheet HTML 21Page - ATMEL Corporation PC755 Datasheet HTML 22Page - ATMEL Corporation PC755 Datasheet HTML 23Page - ATMEL Corporation PC755 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
20
PC755/745
2138D–HIREL–06/03
Adhesives and Thermal
Interface Materials
Figure 8. Thermal Performance of Select Thermal Interface Material
A thermal interface material is recommended at the package lid-to-heat sink interface to
minimize the thermal contact resistance. For those applications where the heat sink is
attached by spring clip mechanism, Figure 8 shows the thermal performance of three
thin-sheet thermal-interface materials (silicone, graphite/oil, floroether oil), a bare joint,
and a joint with thermal grease as a function of contact pressure. As shown, the perfor-
mance of these thermal interface materials improves with increasing contact pressure.
The use of thermal grease significantly reduces the interface thermal resistance. That is,
the bare joint results in a thermal resistance approximately 7 times greater than the ther-
mal grease joint.
Heat sinks are attached to the package by means of a spring clip to holes in the printed-
circuit board (see Figure 7). This spring force should not exceed 5.5 pounds of force.
Therefore, the synthetic grease offers the best thermal performance, considering the
low interface pressure.
The board designer can choose between several types of thermal interface. Heat sink
adhesive materials should be selected based upon high conductivity, yet adequate
mechanical strength to meet equipment shock/vibration requirements.
Heat Sink Selection Example
For preliminary heat sink sizing, the die-junction temperature can be expressed as
follows:
T
j = Ta + Tr + (θjc + θint + θsa) * Pd
Where:
T
j is the die-junction temperature
T
a is the inlet cabinet ambient temperature
T
r is the air temperature rise within the computer cabinet
0
0.5
1
1.5
2
Silicone Sheet (0.006 inch)
Bare Joint
Floroether Oil Sheet (0.007 inch)
Graphite/Oil Sheet (0.005 inch)
Synthetic Grease
Contact Pressure (psi)
0
10203040
5060
7080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com