Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC755 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # PC755
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button PC755 Datasheet HTML 19Page - ATMEL Corporation PC755 Datasheet HTML 20Page - ATMEL Corporation PC755 Datasheet HTML 21Page - ATMEL Corporation PC755 Datasheet HTML 22Page - ATMEL Corporation PC755 Datasheet HTML 23Page - ATMEL Corporation PC755 Datasheet HTML 24Page - ATMEL Corporation PC755 Datasheet HTML 25Page - ATMEL Corporation PC755 Datasheet HTML 26Page - ATMEL Corporation PC755 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
23
PC755/745
2138D–HIREL–06/03
Power Dissipation
Notes:
1. These values apply for all valid processor bus and L2 bus ratios. The values do not
include I/O supply power (OVDD and L2OVDD) or PLL/DLL supply power (AVDD and
L2AV
DD). OVDD and L2OVDD power is system dependent, but is typically < 10% of
VDD power. Worst case power consumption for AVDD = 15 mW and L2AVDD = 15 mW.
2. Maximum power is measured at nominal VDD (see Table 5) while running an entirely
cache-resident, contrived sequence of instructions which keep the execution units
maximally busy.
3. Typical power is an average value measured at the nominal recommended VDD
(see Table 5) and 65×C in a system while running a typical code sequence.
4. Not 100% tested. Characterized and periodically sampled.
Table 10. Power Consumption for PC755
Processor (CPU) Frequency
Unit
300 MHz
350 MHz
400 MHz
Full-Power Mode
Typical(1)(3)(4)
3.1
3.6
5.4
W
Maximum(1)(2)
4.5
5.3
8
W
Doze Mode
Maximum(1)(2)(4)
1.8
2
2.3
W
Nap Mode
Maximum(1)(2)(4)
1
1
1
W
Sleep Mode
Maximum(1)(2)(4)
550
550
550
mW
Sleep Mode-PLL and DLL Disabled
Maximum(1)(2)
510
510
510
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com