Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC755 Datasheet(PDF) 46 Page - ATMEL Corporation

Part # PC755
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755 Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button PC755 Datasheet HTML 42Page - ATMEL Corporation PC755 Datasheet HTML 43Page - ATMEL Corporation PC755 Datasheet HTML 44Page - ATMEL Corporation PC755 Datasheet HTML 45Page - ATMEL Corporation PC755 Datasheet HTML 46Page - ATMEL Corporation PC755 Datasheet HTML 47Page - ATMEL Corporation PC755 Datasheet HTML 48Page - ATMEL Corporation PC755 Datasheet HTML 49Page - ATMEL Corporation PC755 Datasheet HTML 50Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
46
PC755/745
2138D–HIREL–06/03
In addition, it is recommended that there be several bulk storage capacitors distributed
around the PCB, feeding the V
DD, L2OVDD, and OV vplanes, to enable quick recharging
of the smaller chip capacitors. These bulk capacitors should have a low ESR (equivalent
series resistance) rating to ensure the quick response time necessary. They should also
be connected to the power and ground planes through two vias to minimize inductance.
Suggested bulk capacitors – 100-330 µF (AVX TPS tantalum or Sanyo OSCON).
Connection
Recommendations
To ensure reliable operation, it is highly recommended to connect unused inputs to an
appropriate signal level through a resistor. Unused active low inputs should be tied to
OV
DD. Unused active high inputs should be connected to GND. All NC (no-connect) sig-
nals must remain unconnected.
Power and ground connections must be made to all external V
DD, OVDD, L2OVDD, and
GND pins of the PC755.
Output Buffer DC Impedance
The PC755 60x and L2 I/O drivers are characterized over process, voltage, and temper-
ature. To measure Z
0, an external resistor is connected from the chip pad to (L2)OVDD or
GND. Then, the value of each resistor is varied until the pad voltage is (L2)OV
DD/2 (See
Figure 33).
The output impedance is the average of two components, the resistances of the pull-up
and pull-down devices. When Data is held low, SW2 is closed (SW1 is open), and R
N is
trimmed until the voltage at the pad equals (L2)OV
DD/2. R
N then becomes the resistance
of the pull-down devices. When Data is held high, SW1 is closed (SW2 is open), and R
P
is trimmed until the voltage at the pad equals (L2)OV
DD/2. R
P then becomes the resis-
tance of the pull-up devices.
NO TAG describes the driver impedance measurement circuit described above.
Figure 32. Driver Impedance Measurement Circuit
(L2)OVDD
OGND
RP
RN
Pad
Data
SW1
SW2
(L2)OVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com