Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC755 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # PC755
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button PC755 Datasheet HTML 22Page - ATMEL Corporation PC755 Datasheet HTML 23Page - ATMEL Corporation PC755 Datasheet HTML 24Page - ATMEL Corporation PC755 Datasheet HTML 25Page - ATMEL Corporation PC755 Datasheet HTML 26Page - ATMEL Corporation PC755 Datasheet HTML 27Page - ATMEL Corporation PC755 Datasheet HTML 28Page - ATMEL Corporation PC755 Datasheet HTML 29Page - ATMEL Corporation PC755 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
26
PC755/745
2138D–HIREL–06/03
Processor Bus AC
Specifications
Table 13 provides the processor bus AC timing specifications for the PC755 as defined
in Figure 11 and Figure 13. Timing specifications for the L2 bus are provided in Section
“L2 Clock AC Specifications» page 28.
Notes:
1. All input specifications are measured from the midpoint of the signal in question to the midpoint of the rising edge of the input
SYSCLK. All output specifications are measured from the midpoint of the rising edge of SYSCLK to the midpoint of the sig-
nal in question. All output timings assume a purely resistive 50
Ω load (See Figure 11). Input and output timings are
measured at the pin; time
-of-flight delays must be added for trace lengths, vias, and connectors in the system.
2. THe symbology used for timing specifications herein follows the pattern of t(signal)(state)(reference)(state) for inputs and
t(reference)(state)(signal)(state) for outputs. For example, tIVKH symbolizes the time input signals (I) reach the valid state (V) relative
to the SYSCLK reference (K) going to the high (H) state or input setup time. And t
KHOV symbolizes the time from SYSCLK(K)
going highs) until outputs (O) are valid (V) or output valid time. Input hold time can be read as the time that the input signal
(I) went invalid (X) with respect to the rising clock edge (KH)
- note the position of the reference and its state for inputs – and
output hold time can be read as the time from the rising edge (KH) until the output went invalid (OX). For additional explana-
tion of AC timing specifications in Motorola PowerPC microprocessors, see the application note “Understanding AC Timing
Specifications for PowerPC Microprocessors.”
3. The setup and hold time is with respect to the rising edge of HRESET (see Figure 11).
4. This specification is for configuration mode select only. Also note that the HRESET must be held asserted for a minimum of
255 bus clocks after the PLL re
-lock time during the power-on reset sequence.
5. t
SYSCLK is the period of the external clock (SYSCLK) in nanoseconds (ns). The numbers given in the table must be multiplied
by the period of SYSCLK to compute the actual time duration (in nanoseconds) of the parameter in question.
6. Mode select signals are BVSEL, L2VSEL, PLL_CFG[0
-3]
7. Guaranteed by design and characterization.
8. Bus mode select pins must remain stable during operation. Changing the logic states of BVSEL or L2VSEL during operation
will cause the bus mode voltage selection to change. Changing the logic states of the PLL_CFG pins during operation will
cause the PLL division ratio selection to change. Both of these conditions are considered outside the specification and are
not supported. Once HRESET is negated the states of the bus mode selection pins must remain stable.
Figure 11 provides the mode select input timing diagram for the PC755.
Figure 11. Mode Input Timing Diagram
Table 13. Processor Bus Mode Selection AC Timing Specifications(1)
At V
DD = AVDD = 2.0V 100 mV; -55 ≤ T
j ≤ +125°C, OVDD = 3.3V 165 mV and OVDD = 1.8V ± 100 mV and OVDD = 2.0V 100 mV
Parameter
Symbols(2)
All Speed Grades
Unit
Min
Max
Mode select input setup to HRESET(3)(4)(5)(6)(7)
tMVRH
8
–
tSYSCLk
HRESET to mode select input hold(3)(4)(6)(7)(8)
t
MXRH
0
–
ns
HRESET
MODE SIGNALS
VM = Midpoint Voltage (OVDD/2)
VM
tMVRH
tMXRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com