Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC755 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # PC755
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button PC755 Datasheet HTML 21Page - ATMEL Corporation PC755 Datasheet HTML 22Page - ATMEL Corporation PC755 Datasheet HTML 23Page - ATMEL Corporation PC755 Datasheet HTML 24Page - ATMEL Corporation PC755 Datasheet HTML 25Page - ATMEL Corporation PC755 Datasheet HTML 26Page - ATMEL Corporation PC755 Datasheet HTML 27Page - ATMEL Corporation PC755 Datasheet HTML 28Page - ATMEL Corporation PC755 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
25
PC755/745
2138D–HIREL–06/03
Clock AC Specifications
Table 12 provides the clock AC timing specifications as defined in Table 3.
Notes:
1. Caution: The SYSCLK frequency and PLL_CFG[0
-3] settings must be chosen such that the resulting SYSCLK (bus) fre-
quency, CPU (core) frequency, and PLL (VCO) frequency do not exceed their respective maximum or minimum operating
frequencies. Refer to the PLL_CFG[0
-3] signal description in Table 18,” for valid PLL_CFG[0-3] settings
2. Rise and fall times measurements are now specified in terms of slew rates, rather than time to account for selectable I/O bus
interface levels. The minimum slew rate of 1v/ns is equivalent to a 2ns maximum rise/fall time measured at 0.4V and 2.4V or
a rise/fall time of 1ns measured at 0.4V to 1.4V.
3. Timing is guaranteed by design and characterization.
4. This represents total input jitter – short term and long term combined and is guaranteed by design.
5. Relock timing is guaranteed by design and characterization. PLL
-relock time is the maximum amount of time required for
PLL lock after a stable V
DD and SYSCLK are reached during the power-on reset sequence. This specification also applies
when the PLL has been disabled and subsequently re
-enabled during sleep mode. Also note that HRESET must be held
asserted for a minimum of 255 bus clocks after the PLL
-relock time during the power-on reset sequence.
Figure 10 provides the SYSCLK input timing diagram.
Figure 10. SYSCLK Input Timing Diagram
Table 12. Clock AC Timing Specifications at Recommended Operating Conditions (See Table 5)
Characteristic
Symbol
Maximum Processor Core Frequency
Unit
300 MHz
350 MHz
400 MHz
Min
Max
Min
Max
Min
Max
Processor frequency(1)
fcore
200
300
200
350
200
400
MHz
VCO frequency(1)
fVCO
400
600
400
700
400
800
MHz
SYSCLK frequency(1)
f
SYSCLK
25
100
25
100
25
100
MHz
SYSCLK cycle time
tSYSCLK
10
40
10
40
10
40
ns
SYSCLK rise and fall time(2)
tKR & tKF
–
2
–
2
–
2
ns
t
KR & tKF
–
1.4
–
1.4
–
1.4
ns
SYSCLK duty cycle measured at OVDD/2
(3)
tKHKL/tSYSCLK
40
60
40
60
40
60
%
SYSCLK jitter(3)(4)
–
150
–
150
–
150
ps
Internal PLL relock time(3)(5)
–
100
–
100
–
100
µs
SYSCLK
VM
VM
VM
KVIH
KVIL
VM = Midpoint Voltage (OVDD/2)
tSYSCLK
tKR
tKF
tKHKL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com