Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC755 Datasheet(PDF) 42 Page - ATMEL Corporation

Part # PC755
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755 Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button PC755 Datasheet HTML 38Page - ATMEL Corporation PC755 Datasheet HTML 39Page - ATMEL Corporation PC755 Datasheet HTML 40Page - ATMEL Corporation PC755 Datasheet HTML 41Page - ATMEL Corporation PC755 Datasheet HTML 42Page - ATMEL Corporation PC755 Datasheet HTML 43Page - ATMEL Corporation PC755 Datasheet HTML 44Page - ATMEL Corporation PC755 Datasheet HTML 45Page - ATMEL Corporation PC755 Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
42
PC755/745
2138D–HIREL–06/03
Mechanical Dimensions of the
PC755 CI-CGA Package
Figure 29 provides the mechanical dimensions and bottom surface nomenclature of
PC755, 360 CI-CGA package
Figure 29. Mechanical Dimensions and Bottom Surface Nomenclature of PC755 (CI-CGA)
Clock Relationship
Choices
The PC755’s PLL is configured by the PLL_CFG[0-3] signals. For a given SYSCLK
(bus) frequency, the PLL configuration signals set the internal CPU and VCO frequency
of operation. The PLL configuration for the PC755 is shown in Figure 31 for example
frequencies.
B
C
360X
e
12345 6789 10 11 12 13 14 15 16
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
A
0.3
C
0.15
b
A
A4
A2
171819
U
W
V
Millimeters
DIM
Min
Max
A
4.04 BSC
A1
A2
1.10
1.30
1.545
1.695
A3
—0.60
b
0.79
0.990
D
25.00 BSC
D1
6.75
E
25.00 BSC
E1
7.87
e
0.2
D
2X
A1 CORNER
E
0.2
2X
A
E1
D1
A3
A1
A6
A5
A4
0.82
0.9
A5
0.10 BSC
A6
0.25
0.35
1.27 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ASME Y14.5M, 1994.
2. DIMENSIONS IN MILLIMETERS.
3. TOP SIDE A1 CORNER INDEX IS A
METALIZED FEATURE WITH VARIOUS
SHAPES. BOTTOM SIDE A1 CORNER IS
DESIGNATED WITH A BALL MISSING
FROM THE ARRAY.
360 X
A
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com