Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC755 Datasheet(PDF) 47 Page - ATMEL Corporation

Part # PC755
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755 Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button PC755 Datasheet HTML 42Page - ATMEL Corporation PC755 Datasheet HTML 43Page - ATMEL Corporation PC755 Datasheet HTML 44Page - ATMEL Corporation PC755 Datasheet HTML 45Page - ATMEL Corporation PC755 Datasheet HTML 46Page - ATMEL Corporation PC755 Datasheet HTML 47Page - ATMEL Corporation PC755 Datasheet HTML 48Page - ATMEL Corporation PC755 Datasheet HTML 49Page - ATMEL Corporation PC755 Datasheet HTML 50Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
47
PC755/745
2138D–HIREL–06/03
Alternately, the following is another method to determine the output impedance of the
PC755. A voltage source, V
force, is connected to the output of the PC755 as in Figure 33.
Data is held low, the voltage source is set to a value that is equal to (L2)OV
DD/2 and the
current sourced by V
force is measured. The voltage drop across the pull-down device,
which is equal to (L2)OV
DD/2, is divided by the measured current to determine the output
impedance of the pull-down device, R
N. Similarly, the impedance of the pull-up device is
determined by dividing the voltage drop of the pull-up, (L2)OV
DD/2, by the current sank
by the pull-up when the data is high and V
force is equal to (L2)OVDD/2. This method can
be employed with either empirical data from a test set up or with data from simulation
models, such as IBIS.
R
P and RN are designed to be close to each other in value. Then Z0 = (RP + RN)/2.
Figure 33 describes the alternate driver impedance measurement circuit.
Figure 33. Alternate Driver Impedance Measurement Circuit
Table 20 summarizes the signal impedance results. The driver impedance values were
characterized at 0
°C, 65°C, and 105°C. The impedance increases with junction temper-
ature and is relatively unaffected by bus voltage.
Pull–up Resistor
Requirements
The PC755 requires pull-up resistors (1 k
Ω – 5 kΩ) on several control pins of the bus
interface to maintain the control signals in the negated state after they have been
actively negated and released by the processor or other bus masters. These pins are
TS, ABB, AACK, ARTRY, DBB, DBWO, TA, TEA, and DBDIS. DRTRY should also be
connected to a pull-up resistor (1 k
Ω – 5 kΩ) if it will be used by the system; otherwise,
this signal should be connected to HRESET to select NO-DRTRY mode.
Three test pins also require pull-up resistors (100
Ω – 1 kΩ). These pins are
L1_TSTCLK, L2_TSTCLK, and LSSD_MODE. These signals are for factory use only
and must be pulled up to OV
DD for normal machine operation.
Table 20. Impedance Characteristics
V
DD = 2.0V, OVDD = 3.3V, T
c = 0 - 105°C
Impedance
Processor bus
L2 bus
Symbol
Unit
RN
25-36
25-36
Z
0
W
RP
26-39
26-39
Z
0
W
(L2)OVDD
BGA
Data
Pin
OGND
Vforce



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com