Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD833F2 Datasheet(PDF) 104 Page - STMicroelectronics

Part # PSD833F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 100Page - STMicroelectronics PSD833F2 Datasheet HTML 101Page - STMicroelectronics PSD833F2 Datasheet HTML 102Page - STMicroelectronics PSD833F2 Datasheet HTML 103Page - STMicroelectronics PSD833F2 Datasheet HTML 104Page - STMicroelectronics PSD833F2 Datasheet HTML 105Page - STMicroelectronics PSD833F2 Datasheet HTML 106Page - STMicroelectronics PSD833F2 Datasheet HTML 107Page - STMicroelectronics PSD833F2 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 110 page
background image
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
104/110
Table 75. TQFP64 - 64-lead Thin Quad Flatpack, Package Mechanical Data
Symb.
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
1.42
1.54
0.056
0.061
A1
0.10
0.07
0.14
0.004
0.003
0.005
A2
1.40
1.36
1.44
0.055
0.054
0.057
α
3.5°
0.0°
7.0°
3.5°
0.0°
7.0°
b
0.35
0.33
0.38
0.014
0.013
0.015
c
0.17
0.006
D
16.00
15.90
16.10
0.630
0.626
0.634
D1
14.00
13.98
14.03
0.551
0.550
0.552
D2
12.00
11.95
12.05
0.472
0.470
0.474
E
16.00
15.90
16.10
0.630
0.626
0.634
E1
14.00
13.98
14.03
0.551
0.550
0.552
E2
12.00
11.95
12.05
0.472
0.470
0.474
e
0.80
0.75
0.85
0.031
0.030
0.033
L
0.60
0.45
0.75
0.024
0.018
0.030
L1
1.00
0.94
1.06
0.039
0.037
0.042
CP
0.10
0.004
N64
64
Nd
16
16
Ne
16
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com