Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD833F2 Datasheet(PDF) 107 Page - STMicroelectronics

Part # PSD833F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 102Page - STMicroelectronics PSD833F2 Datasheet HTML 103Page - STMicroelectronics PSD833F2 Datasheet HTML 104Page - STMicroelectronics PSD833F2 Datasheet HTML 105Page - STMicroelectronics PSD833F2 Datasheet HTML 106Page - STMicroelectronics PSD833F2 Datasheet HTML 107Page - STMicroelectronics PSD833F2 Datasheet HTML 108Page - STMicroelectronics PSD833F2 Datasheet HTML 109Page - STMicroelectronics PSD833F2 Datasheet HTML 110Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 107 / 110 page
background image
107/110
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
APPENDIX B. PLCC52 PIN ASSIGNMENTS
Table 78. PLCC52 Connections (Figure 3)
Pin Number
Pin Assignments
1GND
2PB5
3PB4
4PB3
5PB2
6PB1
7PB0
8PD2
9PD1
10
PD0
11
PC7
12
PC6
13
PC5
14
PC4
15
VCC
16
GND
17
PC3
18
PC2 (VSTBY)
19
PC1
20
PC0
21
PA7
22
PA6
23
PA5
24
PA4
25
PA3
26
GND
Pin Number
Pin Assignments
27
PA2
28
PA1
29
PA0
30
AD0
31
AD1
32
AD2
33
AD3
34
AD4
35
AD5
36
AD6
37
AD7
38
VCC
39
AD8
40
AD9
41
AD10
42
AD11
43
AD12
44
AD13
45
AD14
46
AD15
47
CNTL0
48
RESET
49
CNTL2
50
CNTL1
51
PB7
52
PB6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com