Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD833F2 Datasheet(PDF) 106 Page - STMicroelectronics

Part # PSD833F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 102Page - STMicroelectronics PSD833F2 Datasheet HTML 103Page - STMicroelectronics PSD833F2 Datasheet HTML 104Page - STMicroelectronics PSD833F2 Datasheet HTML 105Page - STMicroelectronics PSD833F2 Datasheet HTML 106Page - STMicroelectronics PSD833F2 Datasheet HTML 107Page - STMicroelectronics PSD833F2 Datasheet HTML 108Page - STMicroelectronics PSD833F2 Datasheet HTML 109Page - STMicroelectronics PSD833F2 Datasheet HTML 110Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 106 / 110 page
background image
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
106/110
APPENDIX A. PQFP52 PIN ASSIGNMENTS
Table 77. PQFP52 Connections (Figure 2)
Pin Number
Pin Assignments
1PD2
2PD1
3PD0
4PC7
5PC6
6PC5
7PC4
8
VCC
9GND
10
PC3
11
PC2
12
PC1
13
PC0
14
PA7
15
PA6
16
PA5
17
PA4
18
PA3
19
GND
20
PA2
21
PA1
22
PA0
23
AD0
24
AD1
25
AD2
26
AD3
Pin Number
Pin Assignments
27
AD4
28
AD5
29
AD6
30
AD7
31
VCC
32
AD8
33
AD9
34
AD10
35
AD11
36
AD12
37
AD13
38
AD14
39
AD15
40
CNTL0
41
RESET
42
CNTL2
43
CNTL1
44
PB7
45
PB6
46
GND
47
PB5
48
PB4
49
PB3
50
PB2
51
PB1
52
PB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com