Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100S Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button PSOC4100S Datasheet HTML 25Page - Cypress Semiconductor PSOC4100S Datasheet HTML 26Page - Cypress Semiconductor PSOC4100S Datasheet HTML 27Page - Cypress Semiconductor PSOC4100S Datasheet HTML 28Page - Cypress Semiconductor PSOC4100S Datasheet HTML 29Page - Cypress Semiconductor PSOC4100S Datasheet HTML 30Page - Cypress Semiconductor PSOC4100S Datasheet HTML 31Page - Cypress Semiconductor PSOC4100S Datasheet HTML 32Page - Cypress Semiconductor PSOC4100S Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 29 of 42
Memory
System Resources
Power-on Reset (POR)
Table 24. Flash DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID173
VPE
Erase and program voltage
1.71
–
5.5
V
–
Notes
10. It can take as much as 20 milliseconds to write to Flash. During this time the device should not be Reset, or Flash operations will be interrupted and cannot be relied
on to have completed. Reset sources include the XRES pin, software resets, CPU lockup states and privilege violations, improper power supply levels, and watchdogs.
Make certain that these are not inadvertently activated.
11. Guaranteed by characterization.
Table 25. Flash AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID174
TROWWRITE[10]
Row (block) write time (erase and
program)
–
–
20
ms
Row (block) = 256 bytes
SID175
TROWERASE[10]
Row erase time
–
–
16
–
SID176
TROWPROGRAM[10] Row program time after erase
–
–
4
–
SID178
TBULKERASE[10]
Bulk erase time (64 KB)
–
–
35
–
SID180[11]
TDEVPROG[10]
Total device program time
–
–
7
Seconds
–
SID181[11]
FEND
Flash endurance
100 K
–
–
Cycles
–
SID182[11]
FRET
Flash retention. TA  55 °C, 100 K
P/E cycles
20
–
–
Years
–
SID182A[11] –
Flash retention. TA  85 °C, 10 K
P/E cycles
10
–
–
–
SID256
TWS48
Number of Wait states at 48 MHz
2
–
–
CPU execution from
Flash
SID257
TWS24
Number of Wait states at 24 MHz
1
–
–
CPU execution from
Flash
Table 26. Power On Reset (PRES)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.CLK#6 SR_POWER_UP Power supply slew rate
1
–
67
V/ms
At power-up
SID185[11]
VRISEIPOR
Rising trip voltage
0.80
–
1.5
V
–
SID186[11]
VFALLIPOR
Falling trip voltage
0.70
–
1.4
–
Table 27. Brown-out Detect (BOD) for VCCD
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID190[11]
VFALLPPOR
BOD trip voltage in active and
sleep modes
1.48
–
1.62
V
–
SID192[11]
VFALLDPSLP
BOD trip voltage in Deep Sleep
1.11
–
1.5
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com