Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100S Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button PSOC4100S Datasheet HTML 14Page - Cypress Semiconductor PSOC4100S Datasheet HTML 15Page - Cypress Semiconductor PSOC4100S Datasheet HTML 16Page - Cypress Semiconductor PSOC4100S Datasheet HTML 17Page - Cypress Semiconductor PSOC4100S Datasheet HTML 18Page - Cypress Semiconductor PSOC4100S Datasheet HTML 19Page - Cypress Semiconductor PSOC4100S Datasheet HTML 20Page - Cypress Semiconductor PSOC4100S Datasheet HTML 21Page - Cypress Semiconductor PSOC4100S Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 18 of 42
XRES
SID73
TFALLS
Fall time in slow strong mode
10
–
60
–
3.3 V VDDD, Cload =
25 pF
SID74
FGPIOUT1
GPIO FOUT; 3.3 V  VDDD 5.5 V
Fast strong mode
––
33
MHz
90/10%, 25 pF load,
60/40 duty cycle
SID75
FGPIOUT2
GPIO FOUT; 1.71 VVDDD3.3 V
Fast strong mode
––
16.7
90/10%, 25 pF load,
60/40 duty cycle
SID76
FGPIOUT3
GPIO FOUT; 3.3 V VDDD 5.5 V
Slow strong mode
––
7
90/10%, 25 pF load,
60/40 duty cycle
SID245
FGPIOUT4
GPIO FOUT; 1.71 V VDDD 3.3 V
Slow strong mode.
––
3.5
90/10%, 25 pF load,
60/40 duty cycle
SID246
FGPIOIN
GPIO input operating frequency;
1.71 V
VDDD 5.5 V
–
–
48
90/10% VIO
Table 5. GPIO AC Specifications (continued)
(Guaranteed by Characterization)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
Note
5. Guaranteed by characterization.
Table 6. XRES DC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID77
VIH
Input voltage high threshold
0.7 × VDDD
––
V
CMOS Input
SID78
VIL
Input voltage low threshold
–
–
0.3
 VDDD
SID79
RPULLUP
Pull-up resistor
–
60
–
kΩ
–
SID80
CIN
Input capacitance
–
–
7
pF
–
SID81[5]
VHYSXRES
Input voltage hysteresis
–
100
–
mV
Typical hysteresis is
200 mV for VDD > 4.5 V
SID82
IDIODE
Current through protection diode
to VDD/VSS
––
100
µA
Table 7. XRES AC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID83[5]
TRESETWIDTH
Reset pulse width
1
–
–
µs
–
BID194[5]
TRESETWAKE
Wake-up time from reset release
–
–
2.7
ms
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com