Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100S Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button PSOC4100S Datasheet HTML 18Page - Cypress Semiconductor PSOC4100S Datasheet HTML 19Page - Cypress Semiconductor PSOC4100S Datasheet HTML 20Page - Cypress Semiconductor PSOC4100S Datasheet HTML 21Page - Cypress Semiconductor PSOC4100S Datasheet HTML 22Page - Cypress Semiconductor PSOC4100S Datasheet HTML 23Page - Cypress Semiconductor PSOC4100S Datasheet HTML 24Page - Cypress Semiconductor PSOC4100S Datasheet HTML 25Page - Cypress Semiconductor PSOC4100S Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 22 of 42
Comparator
SID_DS_19 IOUT_HI_M1
Mode 1, High current
–
10
–
mA
Output is 0.5 V to
VDDA-0.5 V
SID_DS_20 IOUT_MED_M1
Mode 1, Medium current
–
10
–
Output is 0.5 V to
VDDA-0.5 V
SID_DS_21 IOUT_LOW_M1
Mode 1, Low current
–
4
–
Output is 0.5 V to
VDDA-0.5 V
SID_DS_22 IOUT_HI_M2
Mode 2, High current
–
1
–
SID_DS_23 IOU_MED_M2
Mode 2, Medium current
–
1
–
SID_DS_24 IOU_LOW_M2
Mode 2, Low current
–
0.5
–
Table 8. CTBm Opamp Specifications (continued)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
Note
6. Guaranteed by characterization.
Table 9. Comparator DC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID84
VOFFSET1
Input offset voltage, Factory trim
–
–±10
mV
SID85
VOFFSET2
Input offset voltage, Custom trim
–
–±4
SID86
VHYST
Hysteresis when enabled
–10
35
SID87
VICM1
Input common mode voltage in normal
mode
0
–VDDD-0.1
V
Modes 1 and 2
SID247
VICM2
Input common mode voltage in low
power mode
0
–VDDD
SID247A
VICM3
Input common mode voltage in ultra
low power mode
0
–VDDD-1.15
VDDD ≥ 2.2 V at –40 °C
SID88
CMRR
Common mode rejection ratio
50
–
–
dB
VDDD ≥ 2.7V
SID88A
CMRR
Common mode rejection ratio
42
–
–VDDD ≤ 2.7V
SID89
ICMP1
Block current, normal mode
–
–400
µA
SID248
ICMP2
Block current, low power mode
–
–100
SID259
ICMP3
Block current in ultra low-power mode
–
–6
VDDD ≥ 2.2 V at –40 °C
SID90
ZCMP
DC Input impedance of comparator
35
–
–MΩ
Table 10. Comparator AC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID91
TRESP1
Response time, normal mode, 50 mV
overdrive
–
38
110
ns
SID258
TRESP2
Response time, low power mode, 50 mV
overdrive
–
70
200
SID92
TRESP3
Response time, ultra-low power mode,
200 mV overdrive
–
2.3
15
µs
VDDD ≥ 2.2 V at –40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com