Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100S Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button PSOC4100S Datasheet HTML 13Page - Cypress Semiconductor PSOC4100S Datasheet HTML 14Page - Cypress Semiconductor PSOC4100S Datasheet HTML 15Page - Cypress Semiconductor PSOC4100S Datasheet HTML 16Page - Cypress Semiconductor PSOC4100S Datasheet HTML 17Page - Cypress Semiconductor PSOC4100S Datasheet HTML 18Page - Cypress Semiconductor PSOC4100S Datasheet HTML 19Page - Cypress Semiconductor PSOC4100S Datasheet HTML 20Page - Cypress Semiconductor PSOC4100S Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 17 of 42
GPIO
Table 4. GPIO DC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID57
VIH[3]
Input voltage high threshold
0.7
V
DDD
––
V
CMOS Input
SID58
VIL
Input voltage low threshold
–
–
0.3
VDDD
CMOS Input
SID241
VIH[3]
LVTTL input, VDDD < 2.7 V
0.7
V
DDD
––
–
SID242
VIL
LVTTL input, VDDD < 2.7 V
–
–
0.3
VDDD
–
SID243
VIH[3]
LVTTL input, VDDD  2.7 V
2.0
–
–
–
SID244
VIL
LVTTL input, VDDD  2.7 V
–
–
0.8
–
SID59
VOH
Output voltage high level
VDDD –0.6
–
–
IOH = 4mA at 3V VDDD
SID60
VOH
Output voltage high level
VDDD –0.5
–
–
IOH = 1 mA at 1.8 V
VDDD
SID61
VOL
Output voltage low level
–
–
0.6
IOL = 4 mA at 1.8 V
VDDD
SID62
VOL
Output voltage low level
–
–
0.6
IOL = 10 mA at 3 V VDDD
SID62A
VOL
Output voltage low level
–
–
0.4
IOL = 3mA at 3V VDDD
SID63
RPULLUP
Pull-up resistor
3.5
5.6
8.5
kΩ
–
SID64
RPULLDOWN
Pull-down resistor
3.5
5.6
8.5
–
SID65
IIL
Input leakage current (absolute
value)
––
2
nA
25 °C, VDDD = 3.0 V
SID66
CIN
Input capacitance
–
–
7
pF
–
SID67[4]
VHYSTTL
Input hysteresis LVTTL
25
40
–
mV
VDDD  2.7 V
SID68[4]
VHYSCMOS
Input hysteresis CMOS
0.05 × VDDD
––
VDD < 4.5 V
SID68A[4]
VHYSCMOS5V5 Input hysteresis CMOS
200
–
–
VDD > 4.5 V
SID69[4]
IDIODE
Current through protection diode to
VDD/VSS
–
–
100
µA–
SID69A[4]
ITOT_GPIO
Maximum total source or sink chip
current
–
–
200
mA
–
Notes
3. VIH must not exceed VDDD + 0.2 V.
4. Guaranteed by characterization.
Table 5. GPIO AC Specifications
(Guaranteed by Characterization)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID70
TRISEF
Rise time in fast strong mode
2
–
12
ns
3.3 V VDDD, Cload =
25 pF
SID71
TFALLF
Fall time in fast strong mode
2
–
12
3.3 V VDDD, Cload =
25 pF
SID72
TRISES
Rise time in slow strong mode
10
–
60
–
3.3 V VDDD, Cload =
25 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com