Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100S Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button PSOC4100S Datasheet HTML 24Page - Cypress Semiconductor PSOC4100S Datasheet HTML 25Page - Cypress Semiconductor PSOC4100S Datasheet HTML 26Page - Cypress Semiconductor PSOC4100S Datasheet HTML 27Page - Cypress Semiconductor PSOC4100S Datasheet HTML 28Page - Cypress Semiconductor PSOC4100S Datasheet HTML 29Page - Cypress Semiconductor PSOC4100S Datasheet HTML 30Page - Cypress Semiconductor PSOC4100S Datasheet HTML 31Page - Cypress Semiconductor PSOC4100S Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 28 of 42
LCD Direct Drive
Table 22. LCD Direct Drive DC Specifications[9]
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID154
ILCDLOW
Operating current in low power mode
–
5–
µA
16
 4 small segment disp.
at 50 Hz
SID155
CLCDCAP
LCD capacitance per
segment/common driver
–
500
5000
pF
–
SID156
LCDOFFSET
Long-term segment offset
–
20
–
mV
–
SID157
ILCDOP1
LCD system operating current Vbias
= 5 V
–
2–
mA
32
 4 segments at 50 Hz
25 °C
SID158
ILCDOP2
LCD system operating current Vbias
= 3.3 V
–
2–
32
 4 segments at 50 Hz
25 °C
Table 23. LCD Direct Drive AC Specifications[9]
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID159
FLCD
LCD frame rate
10
50
150
Hz
–
Note
9. Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com