Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100S Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button PSOC4100S Datasheet HTML 10Page - Cypress Semiconductor PSOC4100S Datasheet HTML 11Page - Cypress Semiconductor PSOC4100S Datasheet HTML 12Page - Cypress Semiconductor PSOC4100S Datasheet HTML 13Page - Cypress Semiconductor PSOC4100S Datasheet HTML 14Page - Cypress Semiconductor PSOC4100S Datasheet HTML 15Page - Cypress Semiconductor PSOC4100S Datasheet HTML 16Page - Cypress Semiconductor PSOC4100S Datasheet HTML 17Page - Cypress Semiconductor PSOC4100S Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 14 of 42
Power
The following power system diagram shows the set of power
supply pins as implemented for the PSoC 4100S Plus. The
system has one regulator in Active mode for the digital circuitry.
There is no analog regulator; the analog circuits run directly from
the VDD input.
Figure 5. Power Supply Connections
There are two distinct modes of operation. In Mode 1, the supply
voltage range is 1.8 V to 5.5 V (unregulated externally; internal
regulator operational). In Mode 2, the supply range is1.8 V ±5%
(externally regulated; 1.71 to 1.89, internal regulator bypassed).
Mode 1: 1.8 V to 5.5 V External Supply
In this mode, PSoC 4100S Plus is powered by an external power
supply that can be anywhere in the range of 1.8 to 5.5 V. This
range is also designed for battery-powered operation. For
example, the chip can be powered from a battery system that
starts at 3.5 V and works down to 1.8 V. In this mode, the internal
regulator of PSoC 4100S Plus supplies the internal logic and its
output is connected to the VCCD pin. The VCCD pin must be
bypassed to ground via an external capacitor (0.1 µF; X5R
ceramic or better) and must not be connected to anything else.
Mode 2: 1.8 V ±5% External Supply
In this mode, PSoC 4100S Plus is powered by an external power
supply that must be within the range of 1.71 to 1.89 V; note that
this range needs to include the power supply ripple too. In this
mode, the VDD and VCCD pins are shorted together and
bypassed. The internal regulator can be disabled in the firmware.
Bypass capacitors must be used from VDDD to ground. The
typical practice for systems in this frequency range is to use a
capacitor in the 1-µF range, in parallel with a smaller capacitor
(0.1 µF, for example). Note that these are simply rules of thumb
and that, for critical applications, the PCB layout, lead induc-
tance, and the bypass capacitor parasitic should be simulated to
design and obtain optimal bypassing.
An example of a bypass scheme is shown in the following
diagram.
Figure 6. External Supply Range from 1.8 V to 5.5 V with Internal Regulator Active
Analog
Domain
VDDA
VSSA
VDDA
1.8 Volt
Regulator
Digital
Domain
VDDD
VSSD
VDDD
VCCD
VDDD
VSS
1.8 V to 5.5 V
0.1
F
VCCD
0.1
F
Power supply bypass connections example
1
F
1.8 V to 5.5 V
0.1
F
1
F
VDDA
PSoC 4100S Plus
µF
µF
µF
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com