Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100S Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button PSOC4100S Datasheet HTML 19Page - Cypress Semiconductor PSOC4100S Datasheet HTML 20Page - Cypress Semiconductor PSOC4100S Datasheet HTML 21Page - Cypress Semiconductor PSOC4100S Datasheet HTML 22Page - Cypress Semiconductor PSOC4100S Datasheet HTML 23Page - Cypress Semiconductor PSOC4100S Datasheet HTML 24Page - Cypress Semiconductor PSOC4100S Datasheet HTML 25Page - Cypress Semiconductor PSOC4100S Datasheet HTML 26Page - Cypress Semiconductor PSOC4100S Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 23 of 42
Temperature Sensor
SAR ADC
Table 11. Temperature Sensor Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details /
Conditions
SID93
TSENSACC
Temperature sensor accuracy
–5
±1
5
°C
–40 to +85 °C
Table 12. SAR ADC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SAR ADC DC Specifications
SID94
A_RES
Resolution
–
–
12
bits
SID95
A_CHNLS_S
Number of channels - single ended
–
–
16
SID96
A-CHNKS_D
Number of channels - differential
–
–
4
Diff inputs use
neighboring I/O
SID97
A-MONO
Monotonicity
–
–
–
Yes
SID98
A_GAINERR
Gain error
–
–
±0.1
%
With external
reference
SID99
A_OFFSET
Input offset voltage
–
–
2
mV
Measured with
1-V reference
SID100
A_ISAR
Current consumption
–
–
1
mA
SID101
A_VINS
Input voltage range - single ended
VSS
–VDDA
V
SID102
A_VIND
Input voltage range - differential
VSS
–VDDA
V
SID103
A_INRES
Input resistance
–
–
2.2
KΩ
SID104
A_INCAP
Input capacitance
–
–
10
pF
SID260
VREFSAR
Trimmed internal reference to SAR
–
–
TBD
V
SAR ADC AC Specifications
SID106
A_PSRR
Power supply rejection ratio
70
–
–
dB
SID107
A_CMRR
Common mode rejection ratio
66
–
–
dB
Measured at 1 V
SID108
A_SAMP
Sample rate
–
–
1
Msps
SID109
A_SNR
Signal-to-noise and distortion ratio (SINAD)
65
–
–
dB
FIN = 10 kHz
SID110
A_BW
Input bandwidth without aliasing
–
–
A_samp/2
kHz
SID111
A_INL
Integral non linearity. VDD = 1.71 to 5.5, 1 Msps –1.7
–
2
LSB
VREF = 1 to VDD
SID111A
A_INL
Integral non linearity. VDDD = 1.71 to 3.6, 1 Msps –1.5
–
1.7
LSB
VREF = 1.71 to
VDD
SID111B
A_INL
Integral non linearity. VDD = 1.71 to 5.5, 500 ksps –1.5
–
1.7
LSB
VREF = 1 to VDD
SID112
A_DNL
Differential non linearity. VDD = 1.71 to 5.5,
1 Msps
–1
–
2.2
LSB
VREF = 1 to VDD
SID112A
A_DNL
Differential non linearity. VDD = 1.71 to 3.6,
1 Msps
–1
–
2LSB
VREF = 1.71 to
VDD
SID112B
A_DNL
Differential non linearity. VDD = 1.71 to 5.5,
500 ksps
–1
–
2.2
LSB
VREF = 1 to VDD
SID113
A_THD
Total harmonic distortion
–
–
–65
dB
Fin = 10 kHz
SID261
FSARINTREF SAR operating speed without external reference
bypass
––
100
ksps
12-bit resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com