Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100S Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button PSOC4100S Datasheet HTML 21Page - Cypress Semiconductor PSOC4100S Datasheet HTML 22Page - Cypress Semiconductor PSOC4100S Datasheet HTML 23Page - Cypress Semiconductor PSOC4100S Datasheet HTML 24Page - Cypress Semiconductor PSOC4100S Datasheet HTML 25Page - Cypress Semiconductor PSOC4100S Datasheet HTML 26Page - Cypress Semiconductor PSOC4100S Datasheet HTML 27Page - Cypress Semiconductor PSOC4100S Datasheet HTML 28Page - Cypress Semiconductor PSOC4100S Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 25 of 42
10-bit CapSense ADC
SID315G
IDAC3CRT23
Output current of IDAC in 8-bit mode
in medium range
69
–
82
µA
LSB = 300-nA typ
SID315H
IDAC3CRT33
Output current of IDAC in 8-bit mode
in high range
540
–
660
µA
LSB = 2.4-µA typ
SID320
IDACOFFSET
All zeroes input
–
–
1
LSB
Polarity set by Source or
Sink. Offset is 2 LSBs for
37.5 nA/LSB mode
SID321
IDACGAIN
Full-scale error less offset
–
–
±10
%
SID322
IDACMISMATCH1
Mismatch between IDAC1 and
IDAC2 in Low mode
––
9.2
LSB
LSB = 37.5-nA typ
SID322A
IDACMISMATCH2
Mismatch between IDAC1 and
IDAC2 in Medium mode
––
5.6
LSB
LSB = 300-nA typ
SID322B
IDACMISMATCH3
Mismatch between IDAC1 and
IDAC2 in High mode
––
6.8
LSB
LSB = 2.4-µA typ
SID323
IDACSET8
Settling time to 0.5 LSB for 8-bit IDAC
–
–
5
µs
Full-scale transition. No
external load
SID324
IDACSET7
Settling time to 0.5 LSB for 7-bit IDAC
–
–
5
µs
Full-scale transition. No
external load
SID325
CMOD
External modulator capacitor.
–
2.2
–
nF
5-V rating, X7R or NP0 cap
Table 13. CSD and IDAC Specifications (continued)
SPEC ID#
Parameter
Description
Min
Typ
Max
Units
Details / Conditions
Table 14. 10-bit CapSense ADC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SIDA94
A_RES
Resolution
–
–
10
bits Auto-zeroing is required
every millisecond
SIDA95
A_CHNLS_S
Number of channels - single ended
–
–
16
Defined by AMUX Bus
SIDA97
A-MONO
Monotonicity
–
–
–
Yes
SIDA98
A_GAINERR
Gain error
–
–
±3
%
In VREF (2.4 V) mode
with VDDA bypass
capacitance of 10 µF
SIDA99
A_OFFSET
Input offset voltage
–
–
±18
mV In VREF (2.4 V) mode
with VDDA bypass
capacitance of 10 µF
SIDA100
A_ISAR
Current consumption
–
–
0.25
mA
SIDA101
A_VINS
Input voltage range - single ended
VSSA
–VDDA
V
SIDA103
A_INRES
Input resistance
–
2.2
–
KΩ
SIDA104
A_INCAP
Input capacitance
–
20
–
pF
SIDA106
A_PSRR
Power supply rejection ratio
–
60
–
dB In VREF (2.4 V) mode
with VDDA bypass
capacitance of 10 µF
SIDA107
A_TACQ
Sample acquisition time
–
1
–
µs
SIDA108
A_CONV8
Conversion time for 8-bit resolution at
conversion rate = Fhclk/(2^(N+2)).
Clock frequency = 48 MHz.
–
–
21.3
µs
Does not include acqui-
sition time. Equivalent to
44.8 ksps including
acquisition time.
SIDA108A
A_CONV10
Conversion time for 10-bit resolution at
conversion rate = Fhclk/(2^(N+2)).
Clock frequency = 48 MHz.
–
–
85.3
µs
Does not include acqui-
sition time. Equivalent to
11.6 ksps including
acquisition time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com