Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100S Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button PSOC4100S Datasheet HTML 16Page - Cypress Semiconductor PSOC4100S Datasheet HTML 17Page - Cypress Semiconductor PSOC4100S Datasheet HTML 18Page - Cypress Semiconductor PSOC4100S Datasheet HTML 19Page - Cypress Semiconductor PSOC4100S Datasheet HTML 20Page - Cypress Semiconductor PSOC4100S Datasheet HTML 21Page - Cypress Semiconductor PSOC4100S Datasheet HTML 22Page - Cypress Semiconductor PSOC4100S Datasheet HTML 23Page - Cypress Semiconductor PSOC4100S Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 20 of 42
SID283
VOUT_1
power=hi, Iload=10 mA
0.5
–
VDDA
-0.5
V
–
SID284
VOUT_2
power=hi, Iload=1 mA
0.2
–
VDDA
-0.2
–
SID285
VOUT_3
power=med, Iload=1 mA
0.2
–
VDDA
-0.2
–
SID286
VOUT_4
power=lo, Iload=0.1 mA
0.2
–
VDDA
-0.2
–
SID288
VOS_TR
Offset voltage, trimmed
–1.0
0.5
1.0
mV
High mode, input 0 V to
VDDA-0.2 V
SID288A
VOS_TR
Offset voltage, trimmed
–
1
–
Medium mode, input
0 V to VDDA-0.2 V
SID288B
VOS_TR
Offset voltage, trimmed
–
2
–
Low mode, input 0 V to
VDDA-0.2 V
SID290
VOS_DR_TR
Offset voltage drift, trimmed
–10
3
10
µV/°C
High mode
SID290A
VOS_DR_TR
Offset voltage drift, trimmed
–
10
–
µV/°C
Medium mode
SID290B
VOS_DR_TR
Offset voltage drift, trimmed
–
10
–
Low mode
SID291
CMRR
DC
70
80
–
dB
Input is 0 V to
VDDA-0.2 V, Output is
0.2 V to VDDA-0.2 V
SID292
PSRR
At 1 kHz, 10-mV ripple
70
85
–
VDDD = 3.6 V,
high-power mode, input
is 0.2 V to VDDA-0.2 V
Noise
SID294
VN2
Input-referred, 1 kHz, power = Hi
–
72
–
nV/rtHz
Input and output are at
0.2 V to VDDA-0.2 V
SID295
VN3
Input-referred, 10 kHz, power = Hi
–
28
–
Input and output are at
0.2 V to VDDA-0.2 V
SID296
VN4
Input-referred, 100 kHz, power = Hi
–
15
–
Input and output are at
0.2 V to VDDA-0.2 V
SID297
CLOAD
Stable up to max. load. Performance
specs at 50 pF.
––
125
pF
–
SID298
SLEW_RATE
Cload = 50 pF, Power = High,
VDDA = 2.7 V
6
––
V/µs
–
SID299
T_OP_WAKE
From disable to enable, no external
RC dominating
––
25
µs
–
SID299A
OL_GAIN
Open Loop Gain
–
90
–
dB
COMP_MODE
Comparator mode; 50 mV drive,
Trise=Tfall (approx.)
Table 8. CTBm Opamp Specifications (continued)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com