Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4100S Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button PSOC4100S Datasheet HTML 17Page - Cypress Semiconductor PSOC4100S Datasheet HTML 18Page - Cypress Semiconductor PSOC4100S Datasheet HTML 19Page - Cypress Semiconductor PSOC4100S Datasheet HTML 20Page - Cypress Semiconductor PSOC4100S Datasheet HTML 21Page - Cypress Semiconductor PSOC4100S Datasheet HTML 22Page - Cypress Semiconductor PSOC4100S Datasheet HTML 23Page - Cypress Semiconductor PSOC4100S Datasheet HTML 24Page - Cypress Semiconductor PSOC4100S Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 21 of 42
SID300
TPD1
Response time; power=hi
–
150
–
ns
Input is 0.2 V to
VDDA-0.2 V
SID301
TPD2
Response time; power=med
–
500
–
Input is 0.2 V to
VDDA-0.2 V
SID302
TPD3
Response time; power=lo
–
2500
–
Input is 0.2 V to
VDDA-0.2 V
SID303
VHYST_OP
Hysteresis
–
10
–
mV
–
SID304
WUP_CTB
Wake-up time from Enabled to
Usable
––
25
µs
–
Deep Sleep
Mode
Mode 2 is lowest current range.
Mode 1 has higher GBW.
SID_DS_1
IDD_HI_M1
Mode 1, High current
–
1400
–
µA
25 °C
SID_DS_2
IDD_MED_M1
Mode 1, Medium current
–
700
–
25 °C
SID_DS_3
IDD_LOW_M1
Mode 1, Low current
–
200
–
25 °C
SID_DS_4
IDD_HI_M2
Mode 2, High current
–
120
–
25 °C
SID_DS_5
IDD_MED_M2
Mode 2, Medium current
–
60
–
25 °C
SID_DS_6
IDD_LOW_M2
Mode 2, Low current
–
15
–
25 °C
SID_DS_7
GBW_HI_M1
Mode 1, High current
–
4
–
MHz
20-pF load, no DC load
0.2 V to VDDA-0.2 V
SID_DS_8
GBW_MED_M1
Mode 1, Medium current
–
2
–
20-pF load, no DC load
0.2 V to VDDA-0.2 V
SID_DS_9
GBW_LOW_M1
Mode 1, Low current
–
0.5
–
20-pF load, no DC load
0.2 V to VDDA-0.2 V
SID_DS_10 GBW_HI_M2
Mode 2, High current
–
0.5
–
20-pF load, no DC load
0.2 V to VDDA-0.2 V
SID_DS_11 GBW_MED_M2
Mode 2, Medium current
–
0.2
–
20-pF load, no DC load
0.2 V to VDDA-0.2 V
SID_DS_12 GBW_Low_M2
Mode 2, Low current
–
0.1
–
20-pF load, no DC load
0.2 V to VDDA-0.2 V
SID_DS_13 VOS_HI_M1
Mode 1, High current
–
5
–
mV
With trim 25 °C, 0.2 V to
VDDA-0.2 V
SID_DS_14 VOS_MED_M1
Mode 1, Medium current
–
5
–
With trim 25 °C, 0.2 V to
VDDA-0.2 V
SID_DS_15 VOS_LOW_M2
Mode 1, Low current
–
5
–
With trim 25 °C, 0.2 V to
VDDA-0.2 V
SID_DS_16 VOS_HI_M2
Mode 2, High current
–
5
–
With trim 25 °C, 0.2V to
VDDA-0.2 V
SID_DS_17 VOS_MED_M2
Mode 2, Medium current
–
5
–
With trim 25 °C, 0.2 V to
VDDA-0.2 V
SID_DS_18 VOS_LOW_M2
Mode 2, Low current
–
5
–
With trim 25 °C, 0.2 V to
VDDA-0.2 V
Table 8. CTBm Opamp Specifications (continued)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com