Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3947 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3947
Description  USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3947 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP3947 Datasheet HTML 1Page - National Semiconductor (TI) LP3947 Datasheet HTML 2Page - National Semiconductor (TI) LP3947 Datasheet HTML 3Page - National Semiconductor (TI) LP3947 Datasheet HTML 4Page - National Semiconductor (TI) LP3947 Datasheet HTML 5Page - National Semiconductor (TI) LP3947 Datasheet HTML 6Page - National Semiconductor (TI) LP3947 Datasheet HTML 7Page - National Semiconductor (TI) LP3947 Datasheet HTML 8Page - National Semiconductor (TI) LP3947 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Connection Diagrams and Package Mark Information
20111002
(Top View)
See NS Package Number SDA14B
Pin Description
Pin #
Name
Description
1
EN
Charger Enable Input. Internally pulled high to CHG-IN pin. A HIGH enables the charger and a
LOW disables the charger.
2
SCL
I
2C serial Interface Clock input.
3
SDA
I
2C serial Interface Data input/out.
4
BATT
Battery supply input terminal. Must have 10 µF ceramic capacitor to GND
5V
T
Regulated 2.78V output used for biasing the battery temperature monitoring thermistor.
6VB
SENSE
Battery Voltage Sense connected to the positive terminal of the battery.
7
MODE
Select pin between AC adaptor and USB port. A LOW sets the LP3947 in USB port and a HIGH
sets it in the AC adaptor.
8
Diff-Amp
Charge current monitoring differential amplifier output. Voltage output representation of the charge
current.
9
Ts
Multi function pin. Battery temperature monitoring input and LDO/Charger mode.
Pulling this pin to V
T, or removing the thermistor by physically disconnecting the battery, sets the
device in LDO mode.
10
EOC
Active Low Open Drain Output. Active when USB port or AC adaptor is connected and battery is
fully charged. For more information, refer to “LED Charge Status Indicators” section.
11
GND
Ground
12
CHG
Active Low Open Drain Output. Active when USB port or AC adaptor is connected and battery is
being charged. For more information, refer to “LED Charge Status Indicators” section.
13
ISEL
Control pin to switch between low power (100 mA) mode and high power (500 mA) mode in USB
mode. This pin is pulled high internally as default to set the USB in 100 mA mode. This pin has to
be externally pulled low to go into 500 mA mode.
14
CHG-IN
Charger input from a regulated, current limited power source. Must havea1µF ceramic capacitor
to GND
Ordering Information
LP3947
Supplied as 1000 Units,
Tape and Reel
LP3947
Supplied as 4500 Units
Tape and Reel
Default
Options*
Package
Marking
LP3947ISD-09
LP3947ISDX-09
I
CHG = 500 mA
V
BATT = 4.1V
EOC = 0.1C
L00055B
LP3947ISD-51
LP3947ISDX-51
I
CHG = 500 mA
V
BATT = 4.2V
EOC = 0.1C
L00056B
*Other default options are available. Please contact National Semiconductor sales office/distributors for availability and specifications.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com