Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3947 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3947
Description  USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3947 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP3947 Datasheet HTML 6Page - National Semiconductor (TI) LP3947 Datasheet HTML 7Page - National Semiconductor (TI) LP3947 Datasheet HTML 8Page - National Semiconductor (TI) LP3947 Datasheet HTML 9Page - National Semiconductor (TI) LP3947 Datasheet HTML 10Page - National Semiconductor (TI) LP3947 Datasheet HTML 11Page - National Semiconductor (TI) LP3947 Datasheet HTML 12Page - National Semiconductor (TI) LP3947 Datasheet HTML 13Page - National Semiconductor (TI) LP3947 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Application Notes (Continued)
MODE PIN
The mode pin toggles the LP3947 between the AC adaptor
mode and the USB mode. When CHG-IN is connected to a
USB port, this pin must be set low. When CHG-IN is con-
nected to an AC adaptor, this pin must be tied high to either
the BATT pin or to the wall adaptor input. Caution: MODE pin
should never be tied to CHG-IN pin directly, as it will turn on
an internal diode.
5.6 HR SAFETY TIMER IN CHARGER MODE
The LP3947 has a built-in 5.6 hr back up safety timer to
prevent over-charging a Li Ion battery. The 5.6 hr timer starts
counting when the charger enters the constant current
mode. It will turn the charger off when the 5.6 hr timer is up
while the charger is still in constant current mode. In this
case, both LEDs will turn on, indicating a fault condition.
When the battery temperature is outside the specified tem-
perature range, the 5.6 hr safety timer will reset upon recov-
ery of the battery temperature.
I
2C INTERFACE
I
2C interface is used in the LP3947 to program various
parameters as shown in Table 3. The LP3947 operates on
default settings following power up. Once programmed, the
LP3947 retains the register data as long as the battery
voltage is above 2.85V.
20111010
FIGURE 5. Power Up Timing Diagram in Charger Mode (1.39V < Ts < 2.427V)
20111011
FIGURE 6. Power Up Timing Diagram in LDO Mode (Ts
≥ 2.7V)
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com