Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3947 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3947
Description  USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3947 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LP3947 Datasheet HTML 6Page - National Semiconductor (TI) LP3947 Datasheet HTML 7Page - National Semiconductor (TI) LP3947 Datasheet HTML 8Page - National Semiconductor (TI) LP3947 Datasheet HTML 9Page - National Semiconductor (TI) LP3947 Datasheet HTML 10Page - National Semiconductor (TI) LP3947 Datasheet HTML 11Page - National Semiconductor (TI) LP3947 Datasheet HTML 12Page - National Semiconductor (TI) LP3947 Datasheet HTML 13Page - National Semiconductor (TI) LP3947 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Application Notes (Continued)
TABLE 2. LED Indicator Summary
RED LED
(CHG)
GREEN LED
(EOC)
Charger Off
OFF
OFF
Charging Li Ion Battery*
ON
OFF
Maintenance Mode
OFF
ON
Charging Li Ion Battery after Passing Maintenance Mode
OFF
ON
EN Pin = LOW
OFF
ON
LDO Mode
OFF
OFF
5.6 Hr Safety Timer Flag/Battery Temperature Violation
ON
ON
* Charging Li Ion battery for the first time after VCHG-IN insertion.
Ts PIN
The LP3947 continuously monitors the battery temperature
by measuring the voltage between the Ts pin and ground.
Charging stops if the battery temperature is outside the
permitted temperature range set by the battery’s internal
thermistor R
T and the external bias resistor RS. A 1% preci-
sion resistor should be used for R
S. A curve 2 type thermistor
is recommended for R
T. The voltage across RT is propor-
tional to the battery temperature. If the battery temperature is
outside of the range during the charge cycle, the LP3947 will
suspend charging. As an example, for a temperature range
of 0˚C to 50˚C, a 10k
Ω for the thermistor and a 4.1kΩ for R
s
should be used. When battery temperature returns to the
permitted range, charging resumes from the beginning of the
flow chart and the 5.6 hr safety timer is reset. Refer to Figure
3. LP3947 Charger Flow Chart for more information.
In absence of the thermistor, Ts pin will be pulled high to VT
and the LP3947 goes into LDO mode. In this mode, the
internal power FET provides up to 1.2 amp of current at the
BATT pin. The LDO output is set to 4.1V or 4.2V, depending
on the programmed battery regulation voltage. When oper-
ating at higher output currents, care must be taken not to
exceed the package power dissipation rating. See “Thermal
Performance of LLP Package” section for more detail.
Charger Status in Relation to Ts Voltage
Voltage on the Ts Pin
Charger Status
Ts
≥ 2.7V
LDO Mode
Voltage on the Ts Pin
Charger Status
2.427v
≤ Ts < 2.7V
0V
≤ Ts ≤ 1.39V
Charger Off
1.39V < Ts < 2.427V
Charger On
LDO MODE
The charger is in the LDO mode when the Ts pin is left
floating. This mode of operation is used primarily during
system level testing of the handset to eliminate the need for
battery insertion. CAUTION: battery may be damaged if
device is operating in LDO mode with battery connected.
The internal power FET provides up to 1.2 amp of current at
BATT pin in this mode. The LDO output is set to 4.1V. When
operating at higher output currents, care must be taken not
to exceed the package power dissipation rating. See “Ther-
mal Performance of LLP Package” section for more detail.
EN PIN
The Enable pin is used to enable/disable the charger, in both
the charger mode and the LDO mode, see Figures 5, 6. The
enable pin is internally pulled HIGH to the CHG-IN pin. When
the charger is disabled, it draws less than 4 µA of current.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com