Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3947 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3947
Description  USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3947 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3947 Datasheet HTML 1Page - National Semiconductor (TI) LP3947 Datasheet HTML 2Page - National Semiconductor (TI) LP3947 Datasheet HTML 3Page - National Semiconductor (TI) LP3947 Datasheet HTML 4Page - National Semiconductor (TI) LP3947 Datasheet HTML 5Page - National Semiconductor (TI) LP3947 Datasheet HTML 6Page - National Semiconductor (TI) LP3947 Datasheet HTML 7Page - National Semiconductor (TI) LP3947 Datasheet HTML 8Page - National Semiconductor (TI) LP3947 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Electrical Characteristics (Continued)
Unless otherwise noted, V
CHG-IN = 5V, VBATT = 4V, CCHG-IN = 1 µF, CBATT = 10 µF. Typical values and limits appearing in nor-
mal type apply for T
J = 25˚C. Limits appearing in boldface type apply over the entire junction temperature range for operation,
T
J = −40˚C to +85˚C. (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
BATTERY CHARGER
V
BAT-RST
Restart Threshold Voltage
(For 4.1V Cell)
V
BATT Falling, Transition from EOC,
to Pre-Qualification State
3.9
3.77
4.02
V
Restart Threshold Voltage
(For 4.2V Cell)
V
BATT Falling, Transition from EOC,
to Pre-Qualification State
4.00
3.86
4.12
R
SENSE
Internal Current Sense Resistance
(Note 8)
120
m
Ω
Internal Current Sense Resistor
Load Current
1.2
A
ICHG
MON
Diff-Amp Output
I
CHG = 50 mA
0.583
V
I
CHG = 100 mA
0.663
I
CHG = 750 mA
1.790
t
OUT
Charger Time Out
T
J = 0˚C to 85˚C
5.625
4.78
6.42
Hrs
T
J = −40˚C to +85˚C
5.625
4.5
6.75
V
OL
Low Level Output Voltage
EOC, CHG Pins each at 9 mA
100
mV
TEMPERATURE SENSE COMPARATORS
V
UTLO
Low Voltage Threshold
Voltage at Ts Pin, Rising
2.427
V
Voltage at Ts Pin, Falling
2.369
V
OTLO
High Voltage Threshold
Voltage at Ts Pin, Rising
1.470
V
Voltage at Ts Pin, Falling
1.390
V
LDO
LDO Mode Voltage Threshold
Voltage at Ts Pin, % of V
T
97
%
V
T
Voltage Output
2.787
V
LDO MODE (Ts = HIGH)
V
OUT
Output Voltage Regulation
I
LOAD = 50 mA
4.10
V
I
LOAD = 750 mA
4.06
LOGIC LEVELS
V
IL
Low Level Input Voltage
EN, ISEL, MODE
0.4
V
V
IH
High Level Input Voltage
EN, ISEL, MODE
2.0
V
I
IL
Input Current
EN, ISEL = LOW
−10
+10
µA
MODE = LOW
−5
+5
µA
I
IH
Input Current
EN, ISEL, MODE = HIGH
−5
+5
µA
Electrical Characteristics, I
2C Interface
Unless otherwise noted, V
CHG-IN =VDD = 5V, VBATT = 4V. Typical values and limits appearing in normal type apply for TJ =
25˚C. Limits appearing in boldface type apply over the entire junction temperature range for operation, T
J = −40˚C to +125˚C.
(Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
V
IL
Low Level Input Voltage
SDA & SCL (Note 8)
0.4
0.3 V
DD
V
V
IH
High Level Input Voltage
SDA & SCL (Note 8)
0.7 V
DD
V
DD +0.5
V
V
OL
Low Level Output Voltage
SDA & SCL (Note 8)
0
0.2 V
DD
V
V
HYS
Schmitt Trigger Input Hysteresis
SDA & SCL (Note 8)
0.1 V
DD
V
F
CLK
Clock Frequency
(Note 8)
400
kHz
t
HOLD
Hold Time Repeated START
Condition
(Note 8)
0.6
µs
t
CLK-LP
CLK Low Period
(Note 8)
1.3
µs
t
CLK-HP
CLK High Period
(Note 8)
0.6
µs
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com