Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3947 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3947
Description  USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3947 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LP3947 Datasheet HTML 5Page - National Semiconductor (TI) LP3947 Datasheet HTML 6Page - National Semiconductor (TI) LP3947 Datasheet HTML 7Page - National Semiconductor (TI) LP3947 Datasheet HTML 8Page - National Semiconductor (TI) LP3947 Datasheet HTML 9Page - National Semiconductor (TI) LP3947 Datasheet HTML 10Page - National Semiconductor (TI) LP3947 Datasheet HTML 11Page - National Semiconductor (TI) LP3947 Datasheet HTML 12Page - National Semiconductor (TI) LP3947 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Application Notes (Continued)
CHARGE CURRENT SELECTION IN CONSTANT
CURRENT MODE
In the AC adaptor mode, the LP3947 is designed to provide
a charge current ranging from 100 mA to 750 mA, in steps of
50 mA, to support batteries with different capacity ratings.
The default value is 500 mA. No external resistor is required
to set the charge current in the LP3947. In the USB mode,
the LP3947 will initially charge with 100 mA (ISEL = high). By
setting the ISEL pin low, charge current can be programmed
to 500 mA. In addition, with ISEL = low, the charge current
can be programmed to different values via the I
2C interface.
TABLE 1. Charge Current Selection in AC Adaptor/USB Mode
MODE Pin
ISEL Pin
Functions
AC Adaptor Mode
HIGH
HIGH
ISEL polarity is irrelevant. Default 500 mA charge current. Can be
reprogrammed via I
2C.
HIGH
LOW
USB Mode
LOW
HIGH
100 mA charge current
LOW
LOW
Default 500 mA charge current. Can be reprogrammed via I
2C.
BATTERY VOLTAGE SELECTION
The battery voltage regulation can be set to 4.1V or 4.2V by
default. Please refer to the Ordering Information table for
more detail.
END OF CHARGE (EOC) CURRENT SELECTION
The EOC thresholds can be programmed to 0.1C, 0.15C or
0.2C in the LP3947. The default value is 0.1C, which pro-
vides the highest energy storage, but at the expense of
longer charging time. On the other hand, 0.2C takes the
least amount of charging time, but yields the least energy
storage.
CHARGE CURRENT SENSE DIFFERENTIAL AMPLIFIER
The charge current is monitored across the internal 120 m
Ω
current sense resistor. The differential amplifier provides the
analog representation of the charge current. Charge current
can be calculated using the following equation:
Where voltage at Diff Amp output (V
DIFF) is in volt, and
charge current (I
CHG) is in amps.
Monitoring the Diff Amp output during constant voltage cycle
can provide an accurate indication of the battery charge
status and time remaining to EOC. This feature is particularly
useful during constant voltage mode. The current sense
circuit is operational in the LDO mode as well. It can be used
to monitor the system current consumption during testing.
LED CHARGE STATUS INDICATORS
The LP3947 is equipped with two open drain outputs to drive
a green LED and a red LED. These two LEDs work together
in combinations to indicate charge status or fault conditions.
Table 2 shows all the conditions.
20111009
FIGURE 4. Charge Current Monitoring Circuit (Diff-Amp)
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com