Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3947 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3947
Description  USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3947 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3947 Datasheet HTML 1Page - National Semiconductor (TI) LP3947 Datasheet HTML 2Page - National Semiconductor (TI) LP3947 Datasheet HTML 3Page - National Semiconductor (TI) LP3947 Datasheet HTML 4Page - National Semiconductor (TI) LP3947 Datasheet HTML 5Page - National Semiconductor (TI) LP3947 Datasheet HTML 6Page - National Semiconductor (TI) LP3947 Datasheet HTML 7Page - National Semiconductor (TI) LP3947 Datasheet HTML 8Page - National Semiconductor (TI) LP3947 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LP3947
USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
General Description
The LP3947 is a complete charge management system that
safely charges and maintains a Li-Ion battery from either
USB power source or AC adaptor. In USB mode, the LP3947
supports charging in low power or high power mode. Alter-
natively, the LP3947 can take charge from AC adaptor. In
both USB and AC adaptor modes, charge current, battery
regulation voltage, and End of Charge (EOC) point can be
selected via I
2C interface. The LP3947 can also operate on
default values that are pre-programmed in the factory. The
battery temperature is monitored continuously at the Ts pin
to safeguard against hazardous charging conditions. The
charger also has under-voltage and over-voltage protection
as well as an internal 5.6 hr timer to protect the battery. The
pass transistor and charge current sensing resistor are all
integrated inside the LP3947.
The LP3947 operates in four modes: pre-qualification, con-
stant current, constant voltage and maintenance modes.
There are two open drain outputs for status indication. An
internal amplifier readily converts the charge current into a
voltage. Also, the charger can operate in an LDO mode
providing a maximum of 1.2 Amp to the load.
Features
n
Supports USB Charging Scheme
n
Integrated Pass Transistor
n
Near-Depleted Battery Preconditioning
n
Monitors Battery Temperature
n
Built-In 5.6 hour timer
n
Under Voltage and Over Voltage Lockout
n
Charge Status Indicators
n
Charge Current Monitor Analog Output
n
LDO Mode Operation can source 1 Amp
n
Continuous Over Current/Temperature Protection
Key Specifications
n
1% Charger Voltage Accuracy Over 0˚C
≤ T
J
≤ 85˚C
n
4.3V to 6.0V Input Voltage Range
n
100 mA to 750 mA charge current range, in charger
mode
n
100mA to 500mA charge current range, in USB mode
n
LLP Package Power Dissipation: 2.7W at T
A = 25˚C
Applications
n
Cellular Phones
n
PDAs
n
Digital Cameras
n
USB Powered Devices
n
Programmable Current Sources
Typical Application Circuit
20111001
More Application Circuit can be found in the Application Note section.
November 2004
© 2004 National Semiconductor Corporation
DS201110
www.national.com


Similar Part No. - LP3947

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3947 TI2-LP3947 Datasheet
378Kb / 17P
LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
REVISED APRIL 2013
LP3947ISD-09 TI2-LP3947ISD-09 Datasheet
378Kb / 17P
LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
REVISED APRIL 2013
LP3947ISD-09/NOPB TI1-LP3947ISD-09/NOPB Datasheet
836Kb / 20P
LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
LP3947ISD-09/NOPB TI2-LP3947ISD-09/NOPB Datasheet
378Kb / 17P
LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
REVISED APRIL 2013
LP3947ISD-51 TI1-LP3947ISD-51 Datasheet
836Kb / 20P
LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
More results

Similar Description - LP3947

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24050 TI-BQ24050 Datasheet
1Mb / 37P
800mA Single Cell Li-Ion Battery Charger With Automatic Adaptor/USB Detection
logo
Richtek Technology Corp...
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
logo
Torex Semiconductor
XC6802 TOREX-XC6802_12 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
logo
Texas Instruments
LP3947ISD-51 TI1-LP3947ISD-51 Datasheet
836Kb / 20P
LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
logo
ACE Technology Co., LTD...
ACE4702 ACE-ACE4702 Datasheet
353Kb / 15P
2 Cell Li-ion Battery Charger IC
VER 1.1
logo
Torex Semiconductor
XC6802 TOREX-XC6802_15 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com