Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3947 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3947
Description  USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3947 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP3947 Datasheet HTML 2Page - National Semiconductor (TI) LP3947 Datasheet HTML 3Page - National Semiconductor (TI) LP3947 Datasheet HTML 4Page - National Semiconductor (TI) LP3947 Datasheet HTML 5Page - National Semiconductor (TI) LP3947 Datasheet HTML 6Page - National Semiconductor (TI) LP3947 Datasheet HTML 7Page - National Semiconductor (TI) LP3947 Datasheet HTML 8Page - National Semiconductor (TI) LP3947 Datasheet HTML 9Page - National Semiconductor (TI) LP3947 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical Characteristics, I
2C Interface (Continued)
Unless otherwise noted, V
CHG-IN =VDD = 5V, VBATT = 4V. Typical values and limits appearing in normal type apply for TJ =
25˚C. Limits appearing in boldface type apply over the entire junction temperature range for operation, T
J = −40˚C to +125˚C.
(Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
t
SU
Set-Up Time Repeated START
Condition
(Note 8)
0.6
µs
t
DATA-HOLD
Data Hold Time
(Note 8)
300
ns
t
DATA-SU
Data Set-Up Time
(Note 8)
100
ns
t
SU
Set-Up Time for STOP Condition
(Note 8)
0.6
µs
t
TRANS
Maximum Pulse Width of Spikes that
must be Suppressed by the Input
Filter of both DATA & CLK Signals.
(Note 8)
50
ns
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: Caution must be taken to avoid raising pins EN and VT 0.3V higher than VCHG-IN and raising pins ISEL, MODE, SCL and SDA 0.3V higher than VBATT.
Note 4: The Absolute Maximum power dissipation depends on the ambient temperature and can be calculated using the formula
P= (T
J –TA)
θ
JA,
(1)
where TJ is the junction temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance. The 1.89W rating appearing under
Absolute Maximum Ratings results from substituting the Absolute Maximum junction temperature, 150˚C, for TJ, 80˚C for TA, and 37˚C/W for θJA. More power can
be dissipated safely at ambient temperatures below 80˚C. Less power can be dissipated safely at ambient temperatures above 80˚C. The Absolute Maximum power
dissipation can be increased by 27 mW for each degree below 80˚C, and it must be de-rated by 27 mW for each degree above 80˚C.
Note 5: The human-body model is used. The human-body model is 100 pF discharged through 1.5 k
Ω.
Note 6: Like the Absolute Maximum power dissipation, the maximum power dissipation for operation depends on the ambient temperature. The 1.21W rating
appearing under Operating Ratings results from substituting the maximum junction temperature for operation, 125˚C, for TJ, 80˚C for TA, and 37˚C/W for θJA into
(1) above. More power can be dissipated at ambient temperatures below 80˚C. Less power can be dissipated at ambient temperatures above 80˚C. The maximum
power dissipation for operation can be increased by 27 mW for each degree below 80˚C, and it must be de-rated by 27 mW for each degree above 80˚C.
Note 7: All limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production with TJ = 25˚C. All hot and cold limits are
guaranteed by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
Note 8: Guaranteed by design.
Note 9: LP3947 is not intended as a Li-Ion battery protection device, any battery used in this application should have an adequate internal protection.
Note 10: The ±10 mA limits apply to all charge currents from 100 mA to 450 mA, to 0.1C End Of Charge (EOC). The limits increase proportionally with higher EOC
points. For example, at 0.2C, the End Of Charge current accuracy becomes ±20 mA.
20111004
FIGURE 1. Li-Ion Charging Profile
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com