Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3947 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3947
Description  USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3947 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LP3947 Datasheet HTML 6Page - National Semiconductor (TI) LP3947 Datasheet HTML 7Page - National Semiconductor (TI) LP3947 Datasheet HTML 8Page - National Semiconductor (TI) LP3947 Datasheet HTML 9Page - National Semiconductor (TI) LP3947 Datasheet HTML 10Page - National Semiconductor (TI) LP3947 Datasheet HTML 11Page - National Semiconductor (TI) LP3947 Datasheet HTML 12Page - National Semiconductor (TI) LP3947 Datasheet HTML 13Page - National Semiconductor (TI) LP3947 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Application Notes (Continued)
TABLE 3. LP3947 Serial Port Communication address code 7h’47
LP3947 Control and Data Codes
Addrs
Register
7
6
5
4
3210
8'h00
Charger
Register -1
Batt Voltage
(0) = 4.1V
1 = 4.2V
AC Adaptor
Charge
Current
Code 3
(1)
AC Adaptor
Charge
Current
Code 2
(0)
AC Adaptor
Charge
Current
Code 1
(0)
AC Adaptor
Charge
Current
Code 0
(0)
8'h01
Charger
Register -2
EOC
(Green LED)
R/O
Charging
(Red LED)
R/O
EOC
SEL-1
(0)
EOC
SEL-0
(1)
8'h02
Charger
Register -3
USB
Charge
Current
Code 3
(1)
USB
Charge
Current
Code 2
(0)
USB
Charge
Current
Code 1
(0)
USB
Charge
Current
Code 0
(0)
Numbers in parentheses indicate default setting. “0” bit is set to low state, and “1” bit is set to high state. R/O –Read Only, All other bits are Read and Write.
TABLE 4. Charger Current and EOC Current Programming Code
Data Code
Charger Current
Selection Code I
SET (mA)
End of Charge Current
Selection Code
4h'00
100
4h'01
150
0.1C
4h'02
200
0.15C
4h'03
250
0.2C
4h'04
300
4h'05
350
4h'06
400
4h'07
450
4h'08
500
4h'09
550
4h'0A
600
4h'0B
650
4h'0C
700
4h'0D
750
20111012
w = write (sda = “0”)
r = read (sda = “1”)
ack = acknowledge (sda pulled low by either master or slave)
Nack = No Acknowledge
rs = repeated start
FIGURE 7. LP3947 (Slave) Register Write
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com