Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3947 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3947
Description  USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3947 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP3947 Datasheet HTML 3Page - National Semiconductor (TI) LP3947 Datasheet HTML 4Page - National Semiconductor (TI) LP3947 Datasheet HTML 5Page - National Semiconductor (TI) LP3947 Datasheet HTML 6Page - National Semiconductor (TI) LP3947 Datasheet HTML 7Page - National Semiconductor (TI) LP3947 Datasheet HTML 8Page - National Semiconductor (TI) LP3947 Datasheet HTML 9Page - National Semiconductor (TI) LP3947 Datasheet HTML 10Page - National Semiconductor (TI) LP3947 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Application Notes
LP3947 CHARGER OPERATION
The LP3947 charge cycle is initiated with AC adaptor or USB
power source insertion. If the voltage on the CHG-IN pin
meets under-voltage (V
UVLO-TSHD),
over-voltage (V
OVLO-
TSHD
) requirements, and the Adaptor OK signal is detected,
then pre-qualification cycle begins (see Figure 1). In this
cycle, a safe current level, less than 70mA, is pumped into
the battery while the voltage across the battery terminals is
measured. Once this voltage exceeds 3.0V, the controller
will initiate constant current fast charge cycle. If the CHG-IN
pin is connected to an AC adaptor, the default charge current
is 500 mA and I
2C interface can be used to program this
parameter. If the CHG-IN pin is connected to the USB port,
constant current cycle will start with a default of 100 mA.
During this cycle, the 5.6 hr safety timer starts counting.
If the 5.6 hr safety timers times out during constant current
cycle, charging is terminated. As the battery is charged
during constant current mode, the voltage across pack ter-
minal increases until it reaches 4.2V (or 4.1V). As soon as
pack terminal reaches 4.2V (or 4.1V), the controller starts
operating in constant voltage mode by applying regulated
V
BATT voltage across the battery terminals. During this cycle,
the charge current, I
CHG, continues to decrease with time
and when it drops below 0.1C (default value), the EOC
signal is activated indicating successful completion of the
charge cycle. The EOC current can be programmed to 0.1C,
0.15C, or 0.2C. The default value is 0.1C. After completing
the full charge cycle, the controller will start the maintenance
cycle where battery pack voltage is monitored continuously.
During the maintenance cycle, if the pack voltage drops 200
mV below the termination voltage, charge cycle will be initi-
ated providing that the wall adaptor is plugged in and is alive.
Charging terminates when the battery temperature is out of
range. For more explanation, please refer to “Ts Pin” section.
The LP3947 with I
2C interface allows maximum flexibility in
selecting the charge current, battery regulation voltage and
EOC current. The LP3947 operates in default mode during
power up. See the “I
2C Interface” section for more detail.
When charging source comes from the USB port, charging
starts with 100 mA (low power mode, ISEL = high). The USB
controller can set the ISEL pin low to charge the battery at
500 mA. A simple external circuit selects between an AC
adaptor or the USB port. The circuit is designed with priority
given to the AC adaptor.
20111006
FIGURE 2. LP3947 with External Switch
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com