Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3947 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3947
Description  USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3947 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP3947 Datasheet HTML 6Page - National Semiconductor (TI) LP3947 Datasheet HTML 7Page - National Semiconductor (TI) LP3947 Datasheet HTML 8Page - National Semiconductor (TI) LP3947 Datasheet HTML 9Page - National Semiconductor (TI) LP3947 Datasheet HTML 10Page - National Semiconductor (TI) LP3947 Datasheet HTML 11Page - National Semiconductor (TI) LP3947 Datasheet HTML 12Page - National Semiconductor (TI) LP3947 Datasheet HTML 13Page - National Semiconductor (TI) LP3947 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Application Notes (Continued)
THERMAL PERFORMANCE OF LLP PACKAGE
The LP3947 is a monolithic device with an integrated pass
transistor. To enhance the power dissipation performance,
the Leadless Lead frame Package, or LLP, is used. The LLP
package is designed for improved thermal performance be-
cause of the exposed die attach pad at the bottom center of
the package. It brings advantage to thermal performance by
creating a very direct path for thermal dissipation. Compared
to the traditional leaded packages where the die attach pad
is embedded inside the mold compound, the LLP reduces a
layer of thermal path.
The thermal advantage of the LLP package is fully realized
only when the exposed die attach pad is soldered down to a
thermal land on the PCB board and thermal vias are planted
underneath the thermal land. Based on a LLP thermal mea-
surement, junction to ambient thermal resistance (
θ
JA) can
be improved by as much as two times if a LLP is soldered on
the board with thermal land and thermal vias than if not.
An example of how to calculate for LLP thermal performance
is shown below:
By substituting 37˚C/W for
θ
JA, 125˚C for TJ and 70˚C for TA,
the maximum power dissipation allowed from the chip is
1.48W. If V
CHG-IN is at 5.0V and a 3.0V battery is being
charged, then 740 mA of I
CHG can safely charge the battery.
More power can be dissipated at ambient temperatures
below 70˚C. Less power can be dissipated at ambient tem-
peratures above 70˚C. The maximum power dissipation for
operation can be increased by 27 mW for each degree below
70˚C, and it must be de-rated by 27 mW for each degree
above 70˚C.
LAYOUT CONSIDERATION
The LP3947 has an exposed die attach pad located at the
bottom center of the LLP package. It is imperative to create
a thermal land on the PCB board when designing a PCB
layout for the LLP package. The thermal land helps to con-
duct heat away from the die, and the land should be the
same dimension as the exposed pad on the bottom of the
LLP (1:1 ratio). In addition, thermal vias should be added
inside the thermal land to conduct more heat away from the
surface of the PCB to the ground plane. Typical pitch and
outer diameter for these thermal vias are 1.27 mm and 0.33
mm respectively. Typical copper via barrel plating is 1oz
although thicker copper may be used to improve thermal
performance. The LP3947 bottom pad is connected to
ground. Therefore, the thermal land and vias on the PCB
board need to be connected to ground.
For more information on board layout techniques, refer to
Application Note 1187 “Leadless Leadframe Package
(LLP).” The application note also discusses package han-
dling, solder stencil, and assembly.
20111013
w = write (sda = “0”)
r = read (sda = “1”)
ack = acknowledge (sda pulled low by either master or slave)
Nack = No Acknowledge
rs = repeated start
FIGURE 8. LP3947 (Slave) Register Read
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com