Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS07-R Datasheet(PDF) 24 Page - Broadcom Corporation.

Part # 5228-DS07-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS07-R Datasheet(HTML) 24 Page - Broadcom Corporation.

Back Button 5228-DS07-R Datasheet HTML 20Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 21Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 22Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 23Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 24Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 25Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 26Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 27Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 28Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page 12
Hardware Signal Definition Table
Document
5228-DS09-405-R
P15
105
105
SSYNC
IPD
SMII SYNC. In SMII mode, this pin must be
connected to a free running sync pulse
occurring 1 of every 10 clock cycles. In RMII
mode, this pin is NC (No Connect).
Data and controls are transferred through
TXD0 and RXD0 between respective MAC
and PHY in default SMII mode. If source
synchronous enable, SSMII_EN, is high, then
SSYNC provides sync for TXD0 only and
SMII_RSYNC from the BCM5228 provides
sync for RXD0.
R15
103
103
SSMII_EN
IPD
SMII Source Synchronous (S3MII) Enable.
Active high. When S3MII is enabled, the
BCM5228 provides a source synchronous
receive clock (SMII_RXC) and a sync
(SMII_RSYNC) for MAC to use. The
BCM5228 uses SMII_TXC along with SSYNC
to receive data from the MAC. Signals
CRS_DV, TXER, TXEN, and RXER are not
used when Source Synchronous mode is
enabled.
R16
106
106
SMII_RXC
O3S
SMII Source Synchronous Receive Clock.
Optional 125-MHz clock in SMII mode for
MAC use to clock in RXD0.
P16
107
107
SMII_RSYNC
O3S
SMII Source Synchronous SYNC. In S3MII
mode, this pin provides a source
synchronous SYNC pulse for MAC to use
for RXD0 if Source Synchronous is enabled.
T16
104
104
SMII_TXC
IPD
SMII Source Synchronous Transmit Clock.
125-MHz clock in SMII mode for BCM5228 to
clock in TXD0 if Source Synchronous is
enabled.
Management Data I/O
J01
32
32
MDIO
I/OPU
Management Data I/O. This serial input/
output bit is used to read from and write to the
RMII registers. The data value on the MDIO
pin is valid and latched on the rising edge of
MDC.
K01
31
31
MDC
IPD
Management Data Clock. The MDC clock
input must be provided to allow RMII
management functions. Clock frequencies up
to 25 MHz are supported.
G05
H05
H04
J05
J03
24
25
26
27
28
24
25
26
27
28
PHYAD{4:0}
IPD
PHY Address Selects. These inputs set the
base address for MII management PHY
addresses. Also serve as test control inputs
along with TESTEN to select the NAND-chain
test mode.
Table 2: Pin Definitions (Cont.)
BCM5228B BCM5228F BCM5228U Pin Label
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com