Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS07-R Datasheet(PDF) 60 Page - Broadcom Corporation.

Part # 5228-DS07-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS07-R Datasheet(HTML) 60 Page - Broadcom Corporation.

Back Button 5228-DS07-R Datasheet HTML 56Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 57Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 58Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 59Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 60Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 61Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 62Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 63Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 64Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page 48
100BASE-X Auxiliary Control Register
Document
5228-DS09-405-R
100BASE-X AUXILIARY CONTROL REGISTER
Transmit Disable. The transmitter can be disabled by writing a 1 to bit 13 of MII register 10h. The transmitter output (TD±)
is forced into a high impedance state.
Bypass 4B5B Encoder/Decoder. The 4B5B encoder and decoder can be bypassed by writing a 1 to bit 10 of MII register
10h. The transmitter sends 5B codes from the TXER and TXD1,TXD0 pins directly to the scrambler. TXEN must be active,
and frame encapsulation (insertion of J/K and T/R codes) is not performed. The receiver places descrambled and aligned
5B codes onto the RXER, RXD1 and RXD0 pins. CRS is asserted when a valid frame is received.
Bypass Scrambler/Descrambler. The stream cipher function can be disabled by writing a 1 to bit 9 of MII register 10h. The
Stream Cipher function can be re-enabled by writing a 0 to this bit.
Bypass NRZI Encoder/Decoder. The NRZI encoder and decoder can be bypassed by writing a 1 to bit 8 of MII register
10h, causing 3-level NRZI data to be transmitted and received on the cable. Normal operation (3-level NRZI encoding and
decoding) can be re-enabled by writing a 0 to this bit.
Table 27: 100-BASE-X Auxiliary Control Register (Address 16d, 10h)
Bit
Name
R/W
Description
Default
15:14
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
–
–
0
13
Transmit Disable
R/W
1 = Transmitter disabled in PHY
0 = Normal operation
0
12:11
Reserveda
–
–
0
10
Bypass 4B5B Encoder/Decoder
R/W
1 = Transmit and receive 5B codes over RMII
pins
0 = Normal RMII
0
9
Bypass Scrambler/Descrambler
R/W
1 = Scrambler and descrambler disabled
0 = Scrambler and descrambler enabled
0
8
Bypass NRZI Encoder/Decoder
R/W
1 = NRZI encoder and decoder is disabled
0 = NRZI encoder and decoder is enabled
0
7
Bypass Receive Symbol Alignment
R/W
1 = 5B receive symbols not aligned
0 = Receive symbols aligned to 5B boundaries
0
6
Baseline Wander Correction Disable
R/W
1 = Baseline wander correction disabled
0 = Baseline wander correction enabled
0
5
FEF Enable
R/W
1 = Far-end fault enabled
0 = Far-end fault disabled
0
4:3
Reserveda
–
–
0
2
Extended FIFO Enable
R/W
1 = Extended FIFO mode
0 = Normal FIFO mode
0
1:0
Reserveda
–
–
00
Note: R/W = Read/Write, RO = Read Only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL and LH Clear
after read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com