Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS07-R Datasheet(PDF) 27 Page - Broadcom Corporation.

Part # 5228-DS07-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS07-R Datasheet(HTML) 27 Page - Broadcom Corporation.

Back Button 5228-DS07-R Datasheet HTML 23Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 24Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 25Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 26Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 27Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 28Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 29Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 30Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 31Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
Hardware Signal Definition Table
Page 15
D03
B03
E05
D04
M05
N04
N05
M04
189
190
191
192
72
73
74
75
LED3{1:8}
O3S
LED3. Active low. The function of this LED
signal can be configured to output one of
ACTIVITY, FULL-DUPLEX, LINK or SPEED
status. For details, see “LED
Modes” on page 29.
Bias
A15
161
160
RDAC
B
DAC Bias Resistor. Adjusts the current level
of each of the transmit DAC’s. A resistor of
1.24-k
Ω ±1% must be connected between
the RDAC pin and AGND.
A14
162
161
VREF
B
Voltage Reference. Low-impedance bias pin
driven by the internal band-gap voltage
reference. This pin must be left unconnected
during normal operation.
JTAG
L02
37
37
TDI
IPU
Test Mode Select. Serial data input to the
JTAG TAP controller. Sampled on the rising
edge of TCK. If unused, it can be left
unconnected.
L03
35
35
TMS
IPU
Test Data Input. Single control input to the
JTAG TAP controller used to traverse the test-
logic state machine. Sampled on the rising
edge of TCK. If unused, it can be left
unconnected.
L05
36
36
TCK
IPU
Test Clock. Clock input used to synchronize
the JTAG TAP control and data transfers. If
unused, it can be left unconnected.
K04
33
33
TDO
O3S
Test Data Output. Serial data output from the
JTAG TAP Controller. Updated on the falling
edge of TCK. Actively driven both high and
low when enabled, otherwise high
impedance.
K05
34
34
TRST#
IPU
Test Reset. Asynchronous active-low reset
input to the JTAG TAP Controller. Must be
held low during power-up to insure the TAP
Controller initializes to the test-logic-reset
state. Can be pulled low continuously when
JTAG functions are not used. Must be held
low for normal operation.
Power
T14
101
102
PLLVDDC
2.5-V, Phase Locked Loop VDD Core,
DVDD
R14
98
99
PLLGND
Phase Locked Loop GND
P14
100
101
PLLVDDP
PLL PAD VDD. Tie this to the same supply as
OVDD.
A16
160
159
BIASVDD
2.5-V, Bias VDD
Table 2: Pin Definitions (Cont.)
BCM5228B BCM5228F BCM5228U Pin Label
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com