Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS07-R Datasheet(PDF) 62 Page - Broadcom Corporation.

Part # 5228-DS07-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS07-R Datasheet(HTML) 62 Page - Broadcom Corporation.

Back Button 5228-DS07-R Datasheet HTML 58Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 59Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 60Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 61Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 62Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 63Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 64Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 65Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 66Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page 50
100BASE-X Receive Error Counter
Document
5228-DS09-405-R
R/SMII Overrun/Underrun Detected. The PHY returns a 1 in bit 11, when the RMII receive FIFO encounters an overrun
or underrun condition.
FX Mode. Returns a value derived from the SD± input pins. Returns a 1 when SD± are driven with a valid differential
signal level. Returns a 0 when both SD+ and SD– are simultaneously driven low.
Locked. The PHY returns a 1 in bit 9 when the descrambler is locked to the incoming data stream. Otherwise, it returns a 0.
Current 100BASE-X Link Status. The PHY returns a 1 in bit 8 when the 100BASE-X link status is good. Otherwise, it
returns a 0.
Remote Fault. The PHY returns a 1 while its link partner is signalling a far-end fault condition. Otherwise, it returns a 0.
False Carrier Detected. The PHY returns a 1 in bit 5 of the Extended Status register if a false carrier has been detected
since the last time this register was read. Otherwise, it returns a 0.
Bad ESD Detected. The PHY returns a 1 in bit 4 if an end-of-stream delimiter error has been detected since the last time
this register was read. Otherwise, it returns a 0.
Receive Error Detected. The PHY returns a 1 in bit 3 if a packet was received with an invalid code since the last time this
register was read. Otherwise, it returns a 0.
Transmit Error Detected. The PHY returns a 1 in bit 2 if a packet was received with a Transmit Error code since the last
time this register was read. Otherwise, it returns a 0.
Lock Error Detected. The PHY returns a 1 in bit 1 if the descrambler has lost lock since the last time this register was read.
Otherwise, it returns a 0.
MLT3 Code Error Detected. The PHY returns a 1 in bit 0 if an MLT3 coding error has been detected in the receive data
stream since the last time this register was read. Otherwise it returns a 0.
100BASE-X RECEIVE ERROR COUNTER
Receive Error Counter [15:0]. This counter increments each time the BCM5228 receives a non-collision packet containing
at least one receive error. The counter automatically clears itself when read. When the counter reaches its maximum value,
FFh, it stops counting receive errors until cleared
Table 29: 100BASE-X Receive Error Counter (Address 18d, 12h)
Bit
Name
R/W
Description
Default
15:0
Receive Error Counter [15:0]
R/W
Number of non-collision packets with receive errors
since last read
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com