Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS07-R Datasheet(PDF) 76 Page - Broadcom Corporation.

Part # 5228-DS07-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS07-R Datasheet(HTML) 76 Page - Broadcom Corporation.

Back Button 5228-DS07-R Datasheet HTML 72Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 73Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 74Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 75Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 76Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 77Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 78Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 79Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 80Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page 64
Auxiliary Mode 4 (PHY 2) Register (Shadow Register)
Document
5228-DS09-405-R
AUXILIARY MODE 4 (PHY 2) REGISTER (SHADOW REGISTER)
Serial Bank 6 Select[2:0]. If low-cost serial LED mode is selected, these bits configure bank 6 LED output on the serial LED
data stream SLED_DO.
Serial Bank 5 Select[2:0]. If low-cost serial LED mode is selected, these bits configure bank 5 LED output on the serial LED
data stream SLED_DO.
Serial Bank 4 Select [2:0]. If low-cost serial LED mode is selected, these bits configure bank 4 LED output on the serial
LED data stream SLED_DO.
Table 41: Auxiliary Mode 4 (PHY 2) Register (Shadow Register 26d, 1Ah)
BIt
Name
R/W
Description
Default
15:9
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
–
–
0011
000b
8:6
Serial Bank 6 Select[2:0]
R/W
Configuration bits for bank 6 output in low-cost
serial LED mode. For details, see “LED
Modes” on page 29.
000
5:3
Serial Bank 5 Select[2:0]
R/W
Configuration bits for bank 5 output in low-cost
serial LED mode. For details, see “LED
Modes” on page 29.
000
2:0
Serial Bank 4 Select[2:0]
R/W
Configuration bits for bank 4 output in low-cost
serial LED mode. For details, see “LED
Modes” on page 29.
000
Note: R/W = Read/Write, RO = Read Only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL and LH Clear
after read operation. MII Shadow register bank 1 is accessed by setting MII register 1Fh bit 7 to a 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com