Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS07-R Datasheet(PDF) 79 Page - Broadcom Corporation.

Part # 5228-DS07-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS07-R Datasheet(HTML) 79 Page - Broadcom Corporation.

Back Button 5228-DS07-R Datasheet HTML 75Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 76Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 77Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 78Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 79Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 80Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 81Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 82Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 83Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
Auxiliary Status 3 Register (Shadow Register)
Page 67
APD Wake-Up Timer[3:0]. This counter determines how long the BCM5228 stays in wake-up mode before going to low
power mode. This value is specified in 40-millisecond increments from 0 to 600 milliseconds. A value of 0 forces the
BCM5228 to stay in low power mode indefinitely. In this case, the BCM5228 requires a hard reset to return to normal mode.
AUXILIARY STATUS 3 REGISTER (SHADOW REGISTER)
Noise[7:0]. The BCM5228 provides the current mean squared error value for noise when a valid link is established.
FIFO Consumption[3:0]. The BCM5228 indicates the number of nibbles of FIFO currently used.
Table 45: Auxiliary Status 3 Register (Shadow Register 28d, 1Ch)
BIt
Name
R/W
Description
Default
15:8
Noise [7:0]
R/O
Current mean square error value, valid only if link is established
00h
7:4
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
–
–
000h
3:0
FIFO Consumption [3:0]
R/O
Currently used number of nibbles in the receive FIFO
0000
Note: MII Shadow register bank 1 is accessed by setting MII register 1Fh bit 7 to a 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com