Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS07-R Datasheet(PDF) 26 Page - Broadcom Corporation.

Part # 5228-DS07-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS07-R Datasheet(HTML) 26 Page - Broadcom Corporation.

Back Button 5228-DS07-R Datasheet HTML 22Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 23Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 24Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 25Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 26Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 27Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 28Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 29Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 30Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page 14
Hardware Signal Definition Table
Document
5228-DS09-405-R
LED
G03
21
21
SERIAL_EN
I/OPD
Serial LED Enable. Active high. Serial LED
mode is enabled if this pin is high and the LC-
SER_EN pin is low during power-on reset.
Serial LED mode and Low-Cost Serial LED
mode cannot be active at the same time.
For details, see “LED Modes” on page 29.
G02
18
18
LC_SER_EN
I/OPU
Low-Cost Serial LED Enable. Active high.
Low-Cost Serial LED mode is enabled if this
pin is high and SER_EN pin is high during
power-on reset. Low-Cost Serial LED mode
and Serial LED mode can not be active at the
same time.
For details, see “LED Modes” on page 29.
K02
30
30
SLED_DO/INTR#
OOD
Serial LED Data. Active low serial LED
data. This pin becomes serial LED data
output if SER_EN pin is high during power-
on reset. For details, see “LED
Modes” on page 29.
PHY Interrupt. Active low output. This pin
becomes interrupt output if SER_EN pin is low
during power-on reset.
F01
F02
E01
E02
P01
P02
N02
N01
12
11
10
9
47
46
45
44
12
11
10
9
47
46
45
44
TX_ER{1:8}
LED1{1:8}
I/OPD
TXER[1:8]. Active high input. This pin
becomes TXER input if TXER_EN pin is high
during power-on reset. TXER function is
typically used in HSTR application for
transmitting halt codes.
TXER[1:8] pins are sampled during power-on
reset to set the default LED output for LED1,
LED2 and LED3. For details, see “LED
Modes” on page 29.
LED1[1:8]. Active low output. This pin
becomes LED1 output if TXER_EN pin is low
during power-on reset. LED1 can be
configured to output one of LINK, SPEED,
ACTIVITY, FULL-DUPLEX, TRANSMIT,
RECEIVE, INTERRUPT or COLLISION
status. For details, see “LED
Modes” on page 29.
C04
E06
D05
C05
M07
N07
M06
N06
185
186
187
188
68
69
70
71
LED2{1:8}
OOD
LED2. Active low. This pin can be configured
to output one of SPEED, ACTIVITY, FULL-
DUPLEX, TRANSMIT, RECEIVE,
INTERRUPT, COLLISION, or LINK status.
For details, see “LED Modes” on page 29.
Table 2: Pin Definitions (Cont.)
BCM5228B BCM5228F BCM5228U Pin Label
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com