Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS07-R Datasheet(PDF) 53 Page - Broadcom Corporation.

Part # 5228-DS07-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS07-R Datasheet(HTML) 53 Page - Broadcom Corporation.

Back Button 5228-DS07-R Datasheet HTML 49Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 50Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 51Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 52Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 53Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 54Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 55Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 56Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 57Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
MII Status Register
Page 41
MII STATUS REGISTER
100BASE-T4 Capability. The BCM5228 is not capable of 100BASE-T4 operation, and returns a 0 when bit 15 of the status
register is read.
100BASE-X Full-Duplex Capability. The BCM5228 is capable of 100BASE-X full-duplex operation, and returns a 1 when
bit 14 of the Status register is read.
100BASE-X Half-Duplex Capability. The BCM5228 is capable of 100BASE-X half-duplex operation, and returns a 1 when
bit 13 of the Status register is read.
10BASE-T Full-Duplex Capability. The BCM5228 is capable of 10BASE-T full-duplex operation, and returns a 1 when bit
12 of the Status register is read.
10BASE-T Half-Duplex Capability. The BCM5228 is capable of 10BASE-T half-duplex operation, and returns a 1 when bit
11 of the Status register is read.
MF Preamble Suppression. This bit is the only writable bit in the Status register. Setting this bit to a 1 allows subsequent
MII management frames to be accepted with or without the standard preamble pattern. When preamble suppression is
enabled, only two preamble bits are required between successive management commands, instead of the normal 32.
Table 20: MII Status Register (Address 01d, 01h)
Bit
Name
R/W
Description
Default
15
100BASE-T4 Capability
RO
0 = Not 100BASE-T4 capable
0
14
100BASE-TX FDX Capability
RO
1 = 100BASE-TX full-duplex capable
1
13
100BASE-TX Capability
RO
1 = 100BASE-TX half-duplex capable
1
12
10BASE-T FDX Capability
RO
1 = 10BASE-T full-duplex capable
1
11
10BASE-T Capability
RO
1 = 10BASE-T half-duplex capable
1
10:7
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
–
–
0000
6
MF Preamble Suppression
R/W
1 = Preamble may be suppressed
0 = Preamble always required
0
5
Auto-Negotiation Complete
RO
1 = Auto-negotiation process completed
0 = Auto-negotiation process not completed
0
4
Remote Fault
RO
LH
1 = Far-End Fault condition detected
0 = No Far-End Fault condition detected
0
3
Auto-Negotiation Capability
RO
1 = Auto-negotiation capable
0 = Not auto-negotiation capable
1
2Link Status
RO
LL
1 = Link is up (Link Pass state)
0 = Link is down (Link Fail state)
0
1
Jabber Detect
RO
LH
1 = Jabber condition detected
0 = No Jabber condition detected
0
0
Extended Capability
RO
1 = Extended register capable
1
Note: R/W = Read/Write, RO = Read Only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL and LH Clear
after read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com