Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS07-R Datasheet(PDF) 88 Page - Broadcom Corporation.

Part # 5228-DS07-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS07-R Datasheet(HTML) 88 Page - Broadcom Corporation.

Back Button 5228-DS07-R Datasheet HTML 84Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 85Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 86Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 87Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 88Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 89Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 90Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 91Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 92Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page 76
Electrical Characteristics
Document
5228-DS09-405-R
Se ction 8: Ele c trica l Char acte r istics
Table 57: Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
VDD
Supply voltage
GND
− 0.3
2.75
V
VI
Input voltage
GND
− 0.3
OVDD + 0.3
V
II
Input current
–
±10
mA
TSTG
Storage temperature
−40
+125
°C
VESD
Electrostatic discharge
–
1000
V
Note: These specifications indicate levels where permanent damage to the device can occur. Functional operation is
not guaranteed under these conditions. Operation at absolute maximum conditions for extended periods can adversely
affect long-term reliability of the device.
Table 58: Recommended Operating Conditions
Symbol Parameter
Pins
Operating
Mode
Min
Max
Units
VDD
Supply voltage
OVDD
–
2.375
3.465
V
VDD
Supply voltage
AVDD, DVDD, PLLVDDC, BIASVDD
–
2.375
2.625
V
VIH
High-level
input voltage
All digital inputs
–
2.0
V
VIL
Low-level
input voltage
All digital inputs
–
0.8
V
SD± {1:8}
100BASE-FX
0.4
V
VIDIFF
Differential
input voltage
SD± {1:8}
100BASE-FX
150
–
mV
VICM
Common mode input
voltage
RD± {1:8}
100BASE-TX
1.85
2.05
V
RD± {1:8}
, SD± {1:8}
100BASE-FX
1.60
1.80
V
TA
Ambient operating
temperature
––
0
70
°C
Table 59: Electrical Characteristics
Symbol
Parameter
Pins
Conditions
Min
Typ
Max
Units
IDD
Total supply
current
AVDD, DVDD
100BASE-TX
–
839
892
mA
OVDD
100BASE-TX
–
59
76
mA
VOH
High-level
output voltage
Digital outputs
IOH = −12 mA,
OVDD = 3.3 V
OVDD
− 0.5
––
V
Digital outputs
IOH = −12 mA,
OVDD = 2.5 V
OVDD
− 0.4
––
V
TD± {1:8}
Driving loaded
magnetics module
–
–
VDD +
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com