Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS07-R Datasheet(PDF) 82 Page - Broadcom Corporation.

Part # 5228-DS07-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS07-R Datasheet(HTML) 82 Page - Broadcom Corporation.

Back Button 5228-DS07-R Datasheet HTML 78Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 79Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 80Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 81Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 82Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 83Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 84Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 85Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 86Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page 70
Timing and AC Characteristics
Document
5228-DS09-405-R
Se ction 7: Timing an d AC Char acte r istics
All digital output timing is specified at CL = 30 pF.
Output rise/fall times are measured between 10% and 90% of the output signal swing. Input rise/fall times are measured
between VIL maximum and VIH minimum. Output signal transitions are referenced to the midpoint of the output signal swing.
Input signal transitions are referenced to the midpoint between VIL maximum and VIH minimum.
Figure 5: Clock and Reset Timing
Table 49: Clock Timing
Parameter
Symbol
Min
Typ
Max
Unit
REF_CLK cycle time (50-MHz operation)
CK_CYCLE
–
20
–
ns
REF_CLK cycle time (125-MHz operation)
CK_CYCLE
–
8
–
ns
REF_CLK high/low time (50-MHz operation)
CK_HI
CK_LO
710
13
ns
REF_CLK high/low time (125-MHz operation)
CK_HI
CK_LO
–4
–
ns
REF_CLK rise/fall time (50-MHz operation)
CK_EDGE
–
–
2
ns
REF_CLK rise/fall time (125-MHz operation)
CK_EDGE
–
–
1
ns
Table 50: Reset Timing
Parameter
Symbol
Min
Typ
Max
Unit
Reset pulse length with stable REF_CLK input
RESET_LEN
2
–
–
µs
Activity after end of reset
RESET_WAIT
100
–
–
µs
RESET rise/fall time
RESET_EDGE
–
–
10
ns
REF_CLK
RESET#
Normal PHY
begin here
RESET_LEN
RESET_WAIT
CK_HI
CK_CYCLE
CK_EDGE
CK_LO
CK_EDGE
activity can
RESET_EDGE
RESET_EDGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com