Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8846 Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8846 Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT8846 Datasheet HTML 9Page - Active-Semi, Inc ACT8846 Datasheet HTML 10Page - Active-Semi, Inc ACT8846 Datasheet HTML 11Page - Active-Semi, Inc ACT8846 Datasheet HTML 12Page - Active-Semi, Inc ACT8846 Datasheet HTML 13Page - Active-Semi, Inc ACT8846 Datasheet HTML 14Page - Active-Semi, Inc ACT8846 Datasheet HTML 15Page - Active-Semi, Inc ACT8846 Datasheet HTML 16Page - Active-Semi, Inc ACT8846 Datasheet HTML 17Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
ACT8846
Rev 7.0 06-Dec-2017
Innovative PowerTM
-
13 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
REGISTER AND BIT DESCRIPTIONS CONT’D
BLOCK ADDRESS BIT
NAME
ACCESS
DESCRIPTION
REG6
0x59
[6:3]
-
R
Reserved.
REG6
0x59
[2]
DIS
R/W
Output Discharge Control. When activated, LDO output is
discharged to GA through 1.5kΩ resistor when in shutdown. Set
bit to 1 to enable output voltage discharge in shutdown, clear bit
to 0 to disable this function.
REG6
0x59
[1]
nFLTMSK
R/W
Regulator Fault Mask Control. Set bit to 1 enable fault-
interrupts, clear bit to 0 to disable fault-interrupts.
REG6
0x59
[0]
OK
R
Regulator Power-OK Status. Value is 1 when output voltage
exceeds the power-OK threshold, value is 0 otherwise.
REG7
0x60
[7:6]
-
R
Reserved.
REG7
0x60
[5:0]
VSET
R/W
Output Voltage Selection. See the Output Voltage Programming
section for more information.
REG7
0x61
[7]
ON
R/W
Regulator Enable Bit. Set bit to 1 to enable the regulator, clear
bit to 0 to disable the regulator.
REG7
0x61
[6:3]
-
R
Reserved.
REG7
0x61
[2]
DIS
R/W
Output Discharge Control. When activated, LDO output is
discharged to GA through 1.5kΩ resistor when in shutdown. Set
bit to 1 to enable output voltage discharge in shutdown, clear bit
to 0 to disable this function.
REG7
0x61
[1]
nFLTMSK
R/W
Regulator Fault Mask Control. Set bit to 1 enable fault-
interrupts, clear bit to 0 to disable fault-interrupts.
REG7
0x61
[0]
OK
R
Regulator Power-OK Status. Value is 1 when output voltage
exceeds the power-OK threshold, value is 0 otherwise.
REG8
0x68
[7:6]
-
R
Reserved.
REG8
0x68
[5:0]
VSET
R/W
Output Voltage Selection. See the Output Voltage Programming
section for more information.
REG8
0x69
[7]
ON
R/W
Regulator Enable Bit. Set bit to 1 to enable the regulator, clear
bit to 0 to disable the regulator.
REG8
0x69
[6:3]
-
R
Reserved.
REG8
0x69
[2]
DIS
R/W
Output Discharge Control. When activated, LDO output is
discharged to GA through 1.5kΩ resistor when in shutdown. Set
bit to 1 to enable output voltage discharge in shutdown, clear bit
to 0 to disable this function.
REG8
0x69
[1]
nFLTMSK
R/W
Regulator Fault Mask Control. Set bit to 1 enable fault-
interrupts, clear bit to 0 to disable fault-interrupts.
REG8
0x69
[0]
OK
R
Regulator Power-OK Status. Value is 1 when output voltage
exceeds the power-OK threshold, value is 0 otherwise.
REG9
0x70
[7:6]
-
R
Reserved.
REG9
0x70
[5:0]
VSET
R/W
Output Voltage Selection. See the Output Voltage Programming
section for more information.
REG9
0x71
[7]
ON
R/W
Regulator Enable Bit. Set bit to 1 to enable the regulator, clear
bit to 0 to disable the regulator.
REG9
0x71
[6:3]
-
R
Reserved.
REG9
0x71
[2]
DIS
R/W
Output Discharge Control. When activated, LDO output is
discharged to GA through 1.5kΩ resistor when in shutdown. Set
bit to 1 to enable output voltage discharge in shutdown, clear bit
to 0 to disable this function.
REG9
0x71
[1]
nFLTMSK
R/W
Regulator Fault Mask Control. Set bit to 1 enable fault-
interrupts, clear bit to 0 to disable fault-interrupts.
REG9
0x71
[0]
OK
R
Regulator Power-OK Status. Value is 1 when output voltage
exceeds the power-OK threshold, value is 0 otherwise.
REG10
0x80
[7:6]
-
R
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com