Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8846 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8846 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT8846 Datasheet HTML 2Page - Active-Semi, Inc ACT8846 Datasheet HTML 3Page - Active-Semi, Inc ACT8846 Datasheet HTML 4Page - Active-Semi, Inc ACT8846 Datasheet HTML 5Page - Active-Semi, Inc ACT8846 Datasheet HTML 6Page - Active-Semi, Inc ACT8846 Datasheet HTML 7Page - Active-Semi, Inc ACT8846 Datasheet HTML 8Page - Active-Semi, Inc ACT8846 Datasheet HTML 9Page - Active-Semi, Inc ACT8846 Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
ACT8846
Rev 7.0 06-Dec-2017
Innovative PowerTM
-
6 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
PIN DESCRIPTIONS CONT’D
PIN
NAME
DESCRIPTION
26
SW4
Switch Node for REG4.
27
GP14
Power Ground for REG1 and REG4. Connect GP14, GP2, GP3, and GA together at a
single point as close to the IC as possible.
28
SW1
Switch Node for REG1.
29
FB1
Output Feedback Sense for REG1. For the adjustable output voltage options, connect
this pin to the center of the output feedback resistor divider for voltage setting,
connect this pin to the output directly to regulate the output voltage at 1.2V.
30
VP1
Power Input for REG1. Bypass to GP14 with a high quality ceramic capacitor placed
as close to the IC as possible.
31
nPBIN
Master Enable Input. Drive nPBIN to GA through a 50kΩ resistor for 32ms to enable
the IC. Drive nPBIN to GA through a 50kΩ resistor for 10 seconds to disable the IC.
Drive nPBIN directly to GA to assert a Manual-Reset condition.
32
PWRHLD
Power Hold Input, enable input for REG1, REG2, REG4, REG5, REG6, REG8 and
REG10. PWRHLD is internally pulled down to GA through a 900kΩ resistor.
33
nRSTO
Open-Drain Reset Output.
34
nIRQ
Open-Drain Interrupt Output.
35
GPIO6
General Purpose I/O #6. Configured as PWM LED driver output for up to 6mA current
with programmable frequency and duty cycle. See the PWM LED Drive section for
more information.
36
GPIO5
General Purpose I/O #5. Configured as PWM LED driver output for up to 6mA current
with programmable frequency and duty cycle. See the PWM LED Driver section for
more information.
37
OUT13
REG13 output. Bypass it to ground with a 0.47µF capacitor.
38
OUT7
REG7 output. Bypass it to ground with a 2.2µF capacitor.
39
GPIO4
General Purpose I/O #4. Configured as PWM LED driver output for up to 6mA current
with programmable frequency and duty cycle. See the PWM LED Driver section for
more information.
40
OUT6
REG6 output. Bypass it to ground with a 2.2µF capacitor.
41
INL1
Power Input for REG5, REG6, REG7.
42
OUT5
REG5 output. Bypass it to ground with a 2.2µF capacitor.
43
GPIO3
General Purpose I/O #3. Configured as PWM LED driver output for up to 6mA current
with programmable frequency and duty cycle. See the PWM LED Drier section for
more information.
44
GPIO2
General Purpose I/O #2. Configured as VSELR4 for Voltage Selection of REG4. Drive
to logic low to select default output voltage. Drive to logic high to select secondary
output voltage.
45
GPIO1
General Purpose I/O #1. Configured as VSELR3 for Voltage Selection of REG3. Drive
to logic low to select default output voltage. Drive to logic high to select secondary
output voltage.
46
OUT3
Output Voltage Sense for REG3.
47,48
VP3
Power input for REG3. Bypass to GP3 with a high quality ceramic capacitor placed as
close to the IC as possible.
EP
EP
Exposed Pad. Must be soldered to ground on PCB.
: Only for ACT8846QM468.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com