Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8846 Datasheet(PDF) 29 Page - Active-Semi, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8846 Datasheet(HTML) 29 Page - Active-Semi, Inc

Back Button ACT8846 Datasheet HTML 25Page - Active-Semi, Inc ACT8846 Datasheet HTML 26Page - Active-Semi, Inc ACT8846 Datasheet HTML 27Page - Active-Semi, Inc ACT8846 Datasheet HTML 28Page - Active-Semi, Inc ACT8846 Datasheet HTML 29Page - Active-Semi, Inc ACT8846 Datasheet HTML 30Page - Active-Semi, Inc ACT8846 Datasheet HTML 31Page - Active-Semi, Inc ACT8846 Datasheet HTML 32Page - Active-Semi, Inc ACT8846 Datasheet HTML 33Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
ACT8846
Rev 7.0 06-Dec-2017
Innovative PowerTM
-
29 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
Table 3:
ACT8846 and RK31x8 Signal Interface
ACT8846
DIRECTION
ROCKCHIP RK31X8
PWREN
GPIO6_B1
SCL
I2C1_SCL
SDA
I2C1_SDA
VSELR2
GPIO0_D7
GPIO1/VSELR3
GPIO0_D6
nRSTO
NPOR
nIRQ
GPIO6_A4
nPBSTAT
GPIO6_A2
PWRHLD
GPIO6_B0
Note: Typical connections shown, actual connections may vary.
nPBIN
ACT8846
Manual
Reset
Push-Button
nPBSTAT
Manual
Reset
Detect
Push-
Button
Detect
To CPU
INL2
VIO
50k
Ω
Control Signals
Enable Inputs
The ACT8846 features a variety of control inputs,
which are used to enable and disable outputs
depending upon the desired mode of operation.
PWRHLD is a logic inputs, while nPBIN is a unique,
multi-function input.
nPBIN Multi-Function Input
The ACT8846 features the nPBIN multi-function
pin, which combines system enable/disable control
with a hardware reset function. Select either of the
two pin functions by asserting this pin, either
through a direct connection to GA as Manual Reset
input, or through a 50kΩ resistor to GA for 32ms to
enable the IC, or through a 50kΩ resistor to GA for
10s to disable the IC, as shown in Figure 2.
Manual Reset Function
The second major function of the nPBIN input is to
provide a manual-reset input for the processor. To
manually-reset the processor, drive nPBIN directly
to GA through a low impedance (less than 2.5kΩ).
An internal timer detects the duration of the MR
event:
Short Press / Soft-Reset:
If the Manual Reset button is asserted for less than
4s/10s, ACT8846 commences a soft-reset
operation where nRSTO immediately asserts low,
then remains asserted low until the nPBIN input is
de-asserted and the reset time-out period expires.
A status bit, SRSTAT[ ] , is set after a soft-reset
event. The SRSTAT[ ] bit is automatically cleared to
0 after read. After Short Press, set WDSREN[ ] to 1
about 1s after nRSTO de-assert then clear
WDSREN[ ] for properly shutdown sequence.
Long Press / Power-cycle:
If the Manual Reset button is asserted for more
than 4s/10s, ACT8846 commences a power
cycle routine in which case all regulators are turned
off and then turned back on. A status bit, PCSTAT[
], is set after the power cycle. The PCSTAT[ ] bit is
automatically cleared to 0 after read.
nPBSTAT Output
nPBSTAT is an open-drain output that reflects the
state of the nPBIN input; nPBSTAT is asserted low
whenever nPBIN is asserted, and is high-Z
otherwise. This output is typically used as an
interrupt signal to the processor, to initiate a
software-programmable routine such as operating
mode selection or to open a menu. Connect
nPBSTAT to an appropriate supply voltage through
a 10kΩ or greater resistor.
Figure 2:
nPBIN Input
: Only for ACT8846QM468 and ACT8846QM490-T.
: Soft-Reset function is disabled in ACT8846QM460 , ACT8846QM468 and ACT8846QM490.
: Only for ACT8846QM460.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com